Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 130Page - STMicroelectronics ST92F124 Datasheet HTML 131Page - STMicroelectronics ST92F124 Datasheet HTML 132Page - STMicroelectronics ST92F124 Datasheet HTML 133Page - STMicroelectronics ST92F124 Datasheet HTML 134Page - STMicroelectronics ST92F124 Datasheet HTML 135Page - STMicroelectronics ST92F124 Datasheet HTML 136Page - STMicroelectronics ST92F124 Datasheet HTML 137Page - STMicroelectronics ST92F124 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 426 page
background image
134/426
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
CLOCK CONTROL REGISTERS (Cont’d)
CLOCK FLAG REGISTER (CLK_FLAG)
R242 -Read/Write
Register Page: 55
Reset Value: 0110 1000 after a Flash LVD Reset
Reset Value: 0100 1000 after a Watchdog Reset
Reset Value: 0010 1000 after a Software Reset
Reset Value: 0000 1000 after an External Reset
WARNING: If you select the CK_AF as system
clock and turn off the oscillator (bits R240.2 and
R242.4 at 1), in order to switch back to the crystal
clock by resetting the R240.2 bit, you must first
wait for the oscillator to restart correctly.
Bit 7 = EX_STP: External Stop flag.
This bit is set by hardware/software and cleared by
software.
0: No External Stop condition occurred
1: External Stop condition occurred
Note: This bit is set after the end of the instruction
being executed when the microcontroller enters
stop mode. So, if this instruction is a reading of the
CLK_FLAG register, this bit will still be read as 0.
Next reading will give 1 as result.
Bit 6 = WDGRES: Watchdog reset flag.
This bit is read only.
0: No Watchdog reset occurred
1: Watchdog reset occurred
Bit 5 = SOFTRES: Software Reset Flag.
This bit is read only.
0: No software reset occurred
1: Software reset occurred (HALT instruction)
If both SOFTRES and WDGRES are set to 1, the
last reset event generator was a Flash LVD reset.
Table 28. Reset Flags
Bit 4 = XTSTOP: External Stop Enable.
0: External stop disabled
1: The Xtal oscillator will be stopped as soon as
the CK_AF clock is present and selected,
whether this is done explicitly by the user pro-
gram, or as a result of WFI, if WFI_CKSEL has
previously been set to select the CK_AF clock
during WFI.
Note: When the program writes ‘1’ to the XTSTOP
bit, it will still be read as 0 as long as the CKAF_ST
bit is reset (CKAF_ST=0). In this case, take care of
this behaviour, because a subsequent AND with
‘1’ or a OR with ‘0’ to the XSTOP bit before setting
the CKAF_ST bit will prevent the oscillator from
being stopped.
Bit 3 = XT_DIV16: CLOCK/16 Selection.
This bit is set and cleared by software. An interrupt
is generated when the bit is toggled.
0: CLOCK2/16 is selected and the PLL is off
1: The input is CLOCK2 (or the PLL output de-
pending on the value of CSU_CKSEL)
Bit 2 = CKAF_ST: (Read Only)
If set, indicates that the alternate function clock
has been selected. If no clock signal is present on
the CK_AF pin, the selection will not occur. If re-
set, the PLL clock, CLOCK2 or CLOCK2/16 is se-
lected (depending on bit 0).
Bit 1= LOCK: PLL locked-in
This bit is read only.
0: The PLL is turned off or not locked and cannot
be selected as system clock source.
1: The PLL is locked
Bit 0 = CSU_CKSEL: CSU Clock Select.
This bit is set and cleared by software. It is also
cleared by hardware when:
– bits DX[2:0] (PLLCONF) are set to 111;
– the quartz is stopped (by hardware or software);
– WFI is executed while the LPOWFI bit is set;
– the XT_DIV16 bit (CLK_FLAG) is forced to ’0’;
– STOP mode is entered.
This prevents the PLL, when not yet locked, from
providing an irregular clock. Furthermore, a ‘0’
stored in this bit speeds up the PLL’s locking.
0: CLOCK2 provides the system clock
1: The PLL Multiplier provides the system clock if
the LOCK bit is set to 1
If the FREEN bit is set, this bit selects this clock in-
dependently by the LOCK bit.
NOTE: Setting the CKAF_SEL bit overrides any
other clock selection. Resetting the XT_DIV16 bit
overrides the CSU_CKSEL selection (see Figure
61).
70
EX_
STP
WDG
RES
SOFT
RES
XT-
STOP
XT_
DIV16
CKAF_
ST
LO
CK
CSU_
CK-
SEL
WDGRES
SOFTRES
0
0
1
1
0
1
0
1
External Reset
Software Reset
Watchdog Reset
LVD Reset
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com