Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5610 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB5610
Description  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 Datasheet(HTML) 2 Page - STMicroelectronics

  STB5610 Datasheet HTML 1Page - STMicroelectronics STB5610 Datasheet HTML 2Page - STMicroelectronics STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STB5610
2/11
PIN CONFIGURATION
PIN
Symbol
Typ. DC Bias
Description
External Circuit
1
Vcc_XTAL
Power supply
2
Vcc_Logic
Power supply
3
LF
Loop filter
4
Vcc_VCO
Power supply
5
Gnd
Ground
6
TNK1
Tank Input
7
TNK2
Tank Input
8
Gnd
Ground
9
Gnd
Ground
10
IF1+
Mixer Output
11
IF1-
Mixer Output
12
Gnd
Ground
13
Gnd_RF
Ground
14
RF+
RF amp. input
15
RF-
RF amp. input
16
Gnd_RF
Ground
17
Vcc_ RF
Power supply
18
LNA_Out+
LNA output
19
LNA_Out-
LNA output
20
Vcc_LNA
Power supply
21
Gnd_LNA
Ground
22
LNA_in+
LNA input
23
LNA_in-
LNA input
24
Gnd_LNA
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com