Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5610 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB5610
Description  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 Datasheet(HTML) 5 Page - STMicroelectronics

  STB5610 Datasheet HTML 1Page - STMicroelectronics STB5610 Datasheet HTML 2Page - STMicroelectronics STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
STB5610
ELECTRICAL CHARACTERISTICS (Vcc = 3+/-10%, Tcase= 25 oC)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
5.9
V
Tj
Junction operating temperature
-40 to 125
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
TBD
oC/W
SUPPLY
Vcc
Supply voltage
2.7
3.3
3.6
V
Icc
Supply current
37
mA
AS1
Vcc Antenna
Supply
2.7
3.3 / 5
5.5
V
LNA
Gp
Power gain
Pin GC at GND
Pin GC at Vcc
19
10
dB
NF
Noise figure
Pin GC at GND
Pin GC at Vcc
3
10
dB
IIP3
Input IP3
Pin GC at GND
Pin GC at Vcc
-20
-5
dBm
VSWRin
Voltage Stat. Wave
Ratio
ZL=50Ω
2.1
RF AMPLIFIER AND MIXER CHAIN
IIP3
Input IP3
-19
dBm
NF
Noise Figure
5.5
dB
ZIN
Input impedance
50
Ω
ZOUT
Differential output
impedance
1.4
ΚΩ
fRF
Input signal RF
1.575
MHz
G
Voltage Convertion
Gain
30
dB
FIRST LIMITING AMPLIFIER
G
Voltage Gain
60
dB
ZOUT
Differential output
impedance
2.4
ΚΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com