Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5610 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB5610
Description  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 Datasheet(HTML) 3 Page - STMicroelectronics

  STB5610 Datasheet HTML 1Page - STMicroelectronics STB5610 Datasheet HTML 2Page - STMicroelectronics STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STB5610
PIN CONFIGURATION
PIN
Symbol
Typ. DC Bias
Description
External Circuit
25
GC
LNA Gain control
26
AS_Out
Antenna sensor output
27
AS2
Antenna sensor input
28
AS1
Vcc Antenna Supply
29
Vcc_Logic
Power supply
30
Gnd_Logic
Ground
31
Vcc_Driver
Supply Voltage
32
Gnd_Driver
Ground
33
CLK
Clock
34
DATA
Data
35
Gnd
Ground
36
Vcc_Logic2
Supply Voltage
37
CE2
Chip Enable (no data)
38
CE
Chip Enable
39
Fselect
Frequency Selector
40
Gnd_IF
Ground
41
IF2-
Lim. Amp. Output
42
IF2+
Lim. Amp. Output
43
Gnd_IF
Ground
44
Vcc_IF
Supply Voltage
45
Gnd_XTAL
Ground
46
XTAL_in
Crystal Input
47
XTAL_out
Crystal Output
48
Gnd_XTAL
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com