Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5610 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB5610
Description  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 Datasheet(HTML) 4 Page - STMicroelectronics

  STB5610 Datasheet HTML 1Page - STMicroelectronics STB5610 Datasheet HTML 2Page - STMicroelectronics STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STB5610
4/11
Data @ 4 MHz
CMOS levels
CLK @ 16MHz
CMOS levels
SAW Filter
16.368 MHz
Quartz
Two gain
LNA
D
CK
Q
PLL
~
1.55 GHz
20 MHz
Passive
Antenna
RF Amp.
Mixer
D Latch Output buffer
VCO
ExternalTank
1.57 GHz
Gain
Select.
CE
CE2
Loop
Filter
LC Filter
LC Filter
Freq.
select
20 MHz
4 MHz
16 MHz
ASout
1ST Lim. amp.
2ND Lim. amp.
BLOCK DIAGRAM (GPS L1)
LNA section
The RF input signal is amplified by two gain levels
LNA. Using gain control pin the LNA gain is set to
19 dB to support passive antenna or 10 dB to sup-
port active antenna. The LNA output signal is fil-
tered by 1575.42 MHz SAW filter.
RF Amplifier plus mixer section
The 1575.42 MHz input signal, amplified by RF
amp., is mixed with the VCO signal to generate a
differential 20.46MHz IF signal
IF section
Two LC filters at mixer output and at first limiting
output are used to suppress undesirable signals
and mixer products. The second stage limiting
amplifier is connected to a D-Type latch clocked
by 16.368MHz crystal oscillator signal. The effect
of sampling the 20.46MHz signal at 16.368MHz is
to create sub-sampling alias at 4.092MHz. This is
fed to the output level converter.
Output section
The output buffers perform level translation from
the internal ECL levels to CMOS output levels re-
ferred to ground. The Data signal changes during
the clock signal negative edge.
Power supplies
The STB5610, has been designed to support
from 2.7 V to 3.6 V supply voltage.
VCO and PLL
Using external tank the VCO is able to provide
very low phase noise signal. Through the freq. se-
lector pin the VCO signal is set at 1554.96 MHz
and at 1571.328 MHz. The on-chip reference os-
cillator uses a low cost 16.368 MHz crystal.
Antenna sensor circuitry
Integrated sensor circuitry is able to evaluate the
antenna current consumption; the Asout pin out-
put provides this info externally. Using external
sensing resistor of 10 Ohm if the antenna current
consumption is inside the range 10mA…40mA
(active antennas typical current consumption) the
Asout output logic level is High, if the antenna cur-
rent consumption is outside the above reported
range (passive antenna or problem on antenna
connection) the Asout output logic level is low.
Chip enable
Using the CE pin it is possible to switch off all the
chip ( neither data nor clock available).
Using CE2 pin it is possible to disable the analog
portion of the chip (no data available) maintaining
the digital portion active (Clock available) optimiz-
ing the chip current consumption.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com