Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5610 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB5610
Description  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 Datasheet(HTML) 1 Page - STMicroelectronics

  STB5610 Datasheet HTML 1Page - STMicroelectronics STB5610 Datasheet HTML 2Page - STMicroelectronics STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
PRELIMINARY DATA
May, 7 2002
STB5610
GPS RF FRONT-END IC
TQFP48
ORDER CODE
STB5610
BRANDING
STB5610
• ONE CHIP SYSTEM TO INTERFACE GPS
ANTENNA TO GPS MICRO CONTROLLER
• ABLE TO SUPPORT ACTIVE AND PASSIVE
ANTENNA
• MINIMUM EXTERNAL COMPONENTS
• COMPATIBLE WITH GPS L1 SPS SIGNAL AND
GALILEO FREQUENCIES
• CMOS OUTPUT LEVELS
• 2.7 V .. 3.6 V SUPPLY VOLTAGE
• EMBEDDED LOW PHASE NOISE PLL
• ACTIVE ANTENNA SENSOR
• SMART CHIP ENABLE FUNCTION FOR POWER
CONSUMPTION OPTIMIZATION
• ESD PROTECTED
DESCRIPTION
The STB5610, using ST Microelectronics RF Bipolar
technology, implements a Global Positioning System
RF front-end. The chip provides down conversion
from the 1575.42 MHz GPS (L1) signal to 4.092 MHz
Output signal. The integrated PLL
with on-chip
reference oscillator uses a low cost 16.368 MHz
crystal. No TCXO is required.
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Vcc_XTAL
Vcc_Logic
LF
Vcc_VCO
Gnd
TNK1
TNK2
Gnd
Gnd
IF1+
IF1-
Gnd
1
2
3
4
5
6
7
8
9
10
11
48
47
46
45
44
43
42
41
40
39
38
48
47
46
45
44
43
42
41
40
39
38
37
48
47
46
45
44
43
42
41
40
39
38
Vcc_Logic2
Gnd
CLK
Gnd_Driver
Vcc_Driver
Gnd_Loic
Vcc_Logic
AS1
AS2
GC
As_out
DATA
PIN CONNECTION


Similar Part No. - STB5610

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STB560 SMC-STB560 Datasheet
152Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB560 SMCDIODE-STB560 Datasheet
380Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
More results

Similar Description - STB5610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
GPS RF FRONT-END IC
Aug-1998
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
GPS FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
GPS Front-end IC
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
GPS Front-end IC
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com