Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5610 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB5610
Description  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB5610 Datasheet HTML 2Page - STMicroelectronics STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics STB5610 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STB5610
6/11
ELECTRICAL CHARACTERISTICS (Vcc = 3+/-10%, Tcase= 25 oC)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SECOND LIMITING AMPLIFIER
G
Voltage Gain
30
dB
VCO
(GPS LO frequency 1555MHz)
VCO
Phase noise
∆f = 1KHz, SSB (10KHz PLL
closed loop bandwith)
-60
dBc/Hz
OUTPUT BUFFER
(square wave CMOS level)
VOH
High output voltage
Vcc-0.4
Vcc
V
VOL
Low output voltage
0
0+0.4
V
GC Pin (lna gain control pin)
Logic level
Value
Low
Max Gain
High
Min Gain
CE Pin (Total chip enable pin)
Logic level
Value
Low
Switch-off
High
Switch-on
CE2 Pin (Analog portion enable pin)
Logic level
Value
Low
Switch-off
High
Switch-on
ASout Pin (Antenna sensor pin)*
Logic level
Value
Low**
Iant<10mA
Iant.>40mA
High**
10mA<Iant<40mA
The Asout pin output provides information on Antenna current consumption
INPUT CONTROL PINS TABLE (The logic levels are TTL compatible)
* It is referred to external sensing resistor of 10 OHm
** The logic levels are referred to STB5610 Supply Voltage
FSELECT (Frequencies Selector Pin)
Logic level
Value
Low
GPS frequency
High
Galileo frequency
OUTPUT CONTROL PINS TABLE
Application requiring higher or lower current threshold should adjust the resistor value appropiately
PHASE LOCKED LOOP
XTAL
Reference crystal
16.368
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com