Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 59Page - Analog Devices ADE7169 Datasheet HTML 60Page - Analog Devices ADE7169 Datasheet HTML 61Page - Analog Devices ADE7169 Datasheet HTML 62Page - Analog Devices ADE7169 Datasheet HTML 63Page - Analog Devices ADE7169 Datasheet HTML 64Page - Analog Devices ADE7169 Datasheet HTML 65Page - Analog Devices ADE7169 Datasheet HTML 66Page - Analog Devices ADE7169 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 63 of 148
VARDIV[7:0]
VAROS[15:0]
VARGAIN[11:0]
LPF1
+
+
LVARHR [23:0]
ACCUMULATE REACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LVARHR REGISTER
AT THE END OF LINCYC
HALF LINE CYCLES
OUTPUT
FROM
LPF2
FROM VOLTAGE
CHANNEL
ADC
23
0
LINCYC [15:0]
48
0
%
ZERO CROSS
DETECTION
CALIBRATION
CONTROL
TO
DIGITAL TO FREQUENCY
CONVERTER
Figure 48 Line Cycle . Reactive Energy Accumulation Mode
APPARENT POWER CALCULATION
The apparent power is defined as the maximum power that can
be delivered to a load. Vrms and Irms are the effective voltage and
current delivered to the load; the apparent power (AP) is defined
as Vrms × Irms. Equation 28 gives an expression of the
instantaneous power signal in an ac system with a phase shift.
()
2
sin( )
rms
vt
V
t
ω
=
i(t) =
)
sin(
2
θ
+
ωt
I rms
(27)
)
(
)
(
)
(
t
i
t
v
t
p
×
=
p(t) =
)
2
cos(
)
cos(
θ
+
ω
θ
t
I
V
I
V
rms
rms
rms
rms
(28)
The apparent power is defined as Vrms × Irms. This expression is
independent from the phase angle between the current and the
voltage.
Figure 49 illustrates the signal processing in each phase for the
calculation of the apparent power in the ADE75XX/ADE71XX.
Vrms
Irms
0x1A36E2
APPARENT POWER
SIGNAL (P)
CURRENT RMS SIGNAL – i(t)
VOLTAGE RMS SIGNAL – v(t)
MULTIPLIER
0x00
0x1CF68C
0x00
0x1CF68C
VAGAIN
TO
DIGITAL TO FREQUENCY
CONVERTER
Figure 49. Apparent Power Signal Processing
The apparent power signal can be read from the waveform
register by setting the WAVMODE register (0x0D) and setting
the WFSM bit in the Interrupt Enable Register 3 SFR
(MIRQENH, 0xDB). Like the current and voltage channels
waveform sampling modes, the waveform date is available at
sample rates of 27.9 kSPS, 14 kSPS, 7 kSPS, or 3.5 kSPS.
The gain of the apparent energy can be adjusted by using the
multiplier and VAGAIN register (VAGAIN[11:0]). The gain is
adjusted by writing a twos complement, 12-bit word to the
VAGAIN register. Equation 29 shows how the gain adjustment
is related to the contents of the VAGAIN register.
⎟⎟
⎜⎜
⎧ +
×
=
12
2
1
VAGAIN
Power
Apparent
IN
OutputVAGA
(29)
For example, when 0x7FF is written to the VAGAIN register, the
power output is scaled up by 50%. 0x7FF = 2047d, 2047/212 =
0.5. Similarly, 0x800 = –2047d (signed twos complement) and
power output is scaled by –50%. Each LSB represents 0.0244%
of the power output. The apparent power is calculated with the
current and voltage rms values obtained in the rms blocks of
the ADE75XX/ADE71XX.
Apparent Power Offset Calibration
Each rms measurement includes an offset compensation
register to calibrate and eliminate the dc component in the rms
value—see Current Channel RMS Calculation and Voltage
channel RMS Calculation sections. The voltage and current
channels rms values are then multiplied together in the
apparent power signal processing. Since no additional offsets
are created in the multiplication of the rms values, there is no
specific offset compensation in the apparent power signal
processing. The offset compensation of the apparent power
measurement is done by calibrating each individual rms
measurement.
Apparent Energy Calculation
The apparent energy is given as the integral of the apparent
power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com