Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 15Page - Analog Devices ADE7169 Datasheet HTML 16Page - Analog Devices ADE7169 Datasheet HTML 17Page - Analog Devices ADE7169 Datasheet HTML 18Page - Analog Devices ADE7169 Datasheet HTML 19Page - Analog Devices ADE7169 Datasheet HTML 20Page - Analog Devices ADE7169 Datasheet HTML 21Page - Analog Devices ADE7169 Datasheet HTML 22Page - Analog Devices ADE7169 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 19 of 148
TERMINOLOGY
MEASUREMENT ERROR
The error associated with the energy measurement made by the ADE75xx/ADE71xx is defined by the following formula:
%
100
Re
×
⎟⎟
⎜⎜
=
Energy
True
Energy
True
gister
Energy
Error
Percentage
PHASE ERROR BETWEEN CHANNELS
The digital integrator and the high-pass filter (HPF) in the current channel have a non-ideal phase response. To offset this phase response
and equalize the phase response between channels, two phase-correction networks are placed in the current channel: one for the digital
integrator and the other for the HPF. The phase correction networks correct the phase response of the corresponding component and
ensure a phase match between current channel and voltage channel to within ±0.1° over a range of 45 Hz to 65 Hz with the digital
integrator off. With the digital integrator on, the phase is corrected to within ±0.4°
over a range of 45 Hz to 65 Hz.
POWER SUPPLY REJECTION
This quantifies the ADE75xx/ADE71xx measurement error as a percentage of reading when the power supplies are varied. For the ac PSR
measurement, a reading at nominal supplies (3.3 V) is taken. A second reading is obtained with the same input signal levels when an ac
(100 mV rms/120 Hz) signal is introduced onto the supplies. Any error introduced by this ac signal is expressed as a percentage of
reading—see the Measurement Error definition.
For the dc PSR measurement, a reading at nominal supplies (3.3 V) is taken. A second reading is obtained with the same input signal
levels when the supplies are varied ±5%. Any error introduced is again expressed as a percentage of the reading.
ADC OFFSET ERROR
The dc offset associated with the analog inputs to the ADCs. It means that with the analog inputs connected to AGND, the ADCs still see
a dc analog input signal. The magnitude of the offset depends on the gain and input range selection—see the Typical Performance
Characteristics section. However, when HPF1 is switched on, the offset is removed from the current channel and the power calculation is
not affected by this offset. The offsets can be removed by performing an offset calibration—see the Analog Inputs section.
GAIN ERROR
The difference between the measured ADC output code (minus the offset) and the ideal output code—see the Current Channel ADC and
Voltage Channel ADC sections. It is measured for each of the input ranges on the current channel (0.5 V, 0.25 V, and 0.125 V). The
difference is expressed as a percentage of the ideal code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com