Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 5Page - Analog Devices ADE7169 Datasheet HTML 6Page - Analog Devices ADE7169 Datasheet HTML 7Page - Analog Devices ADE7169 Datasheet HTML 8Page - Analog Devices ADE7169 Datasheet HTML 9Page - Analog Devices ADE7169 Datasheet HTML 10Page - Analog Devices ADE7169 Datasheet HTML 11Page - Analog Devices ADE7169 Datasheet HTML 12Page - Analog Devices ADE7169 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 9 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Leakage current
±20
nA
1/2 and 1/3 bias modes – No load
V1 Segment line voltage
LCDVA-0.1V
LCDVA
V
Current on segment line = -2
μA
V2 Segment line voltage
LCDVB-0.1V
LCDVB
V
Current on segment line = -2
μA
V3 Segment line voltage
LCDVC-0.1V
LCDVC
V
Current on segment line = -2
μA
ON-CHIP REFERENCE
Reference Error
±12
mV
Power supply rejection
80
dB
Temperature Coefficient
50
ppm/°C
DIGITAL INTERFACE
LOGIC INPUTS
All inputs except XTAL1, XTAL2, BCTRL,
INT0, INT1, RESET
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.4
V
BCTRL, INT0, INT1, RESET
Input High Voltage, VINH
1.3
V
Input Low Voltage, VINL
0.4
V
Input currents
RESET
±10
μA
RESET = 0V
100
μA
RESET = VSWOUT = 3.3V
Port 0, 1 , 2
±10
μA
Internal pull-up disabled, input – 0V or VOUT
-250
μA
Internal pull-up enabled, input = 2V,
VSWOUT=3.3V
-50
μA
Internal pull-up enabled, input = 0.4V,
VSWOUT=3.3V
Input capacitance
10
pF
All digital input
CRYSTAL OSCILLATOR
Crystal Equivalent Series Resistance
30
50
kΩ
Crystal frequency
32
32.768
33.5
kHz
XTAL1 Input Capacitance
12
pF
XTAL2 Output Capacitance
12
pF
MCU CLOCK RATE - Fcore
4.096
MHz
Crystal = 32.768kHz and CD[2:0]=0
32
kHz
Crystal = 32.768kHz and CD[2:0]=0b111
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V
VDD = 3.3 V ± 5%
ISOURCE
80
μA
Output Low Voltage, VOL
0.4
V
VDD = 3.3 V ± 5%
ISINK
2
mA
Floating state Leakage current
±10
μA
Floating state Output Capacitance
TBD
pF
STARTUP TIME5
At Power-On
TBD
ms
From Power Saving Mode 2 (PSM2)
TBD
μs
From Power Saving Mode 1 (PSM1)
TBD
μs
POWER SUPPLY INPUTS
VDD
3.0
3.3
3.6
V
VBAT
2.4
3.3
3.7
V
POWER SUPPLY OUTPUTS
VBAT to VSWOUT ON-Resistance
25
Ω
VBAT = 2.4V
VDD to VSWOUT ON-Resistance
6.1
Ω
VDD = 3V
VSWOUT output current drive
1
mA
VINTA, VINTD
2.25
2.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com