Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 76 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 72Page - Analog Devices ADE7169 Datasheet HTML 73Page - Analog Devices ADE7169 Datasheet HTML 74Page - Analog Devices ADE7169 Datasheet HTML 75Page - Analog Devices ADE7169 Datasheet HTML 76Page - Analog Devices ADE7169 Datasheet HTML 77Page - Analog Devices ADE7169 Datasheet HTML 78Page - Analog Devices ADE7169 Datasheet HTML 79Page - Analog Devices ADE7169 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 76 of 148
enhanced serial port functionality
with a dedicated timer for
baud rate generation with a fractional divisor and additional
error detection. See Table 121 and UART serial interface
section.
Interrupt SFRs:
There is a two-tiered interrupt system standard
in the 8052 core. The priority level for each interrupt source is
individually selectable as high or low. The
ADE75XX/ADE71XX enhances this interrupt system by
creating in essence a third interrupt tier for a highest priority
power supply management interrupt, PSM - See Interrupt
System section.
I/O Port SFRs:
The 8052 core supports four I/O ports, P0
through P3 where Ports 0 and 2 are typically used for access to
external code and data spaces. The ADE75XX/ADE71XX,
unlike standard 8052 products, provides internal nonvolatile
Flash memory so that an external code space is unnecessary.
The on-chip LCD driver requires many pins, some of which are
dedicated for LCD functionality and others that can be
configured at LCD or general purpose I/O. Due to the limited
number of I/O pins, the ADE75XX/ADE71XX does not allow
access to external code and data spaces.
The ADE75XX/ADE71XX provides 20 pins that can be used for
general purpose I/O. These pins are mapped to Ports 0, 1 and 2
and are accessed through three bit-addressable 8052 SFRs P0,
P1 and P2. Another enhanced feature of the
ADE75XX/ADE71XX is that the weak pull-ups standard on
8052 Ports 1, 2 and 3 can be disabled to make open drain
outputs, as is standard on Port 0. The weak pull-ups can be
enabled on a pin by pin basis. See the I/O Ports section.
Power Control Register (PCON, 0x87):
The 8052 core defines
two power down modes; power down and idle. The
ADE75XX/ADE71XX enhances the power control capability
of the traditional 8052 MCU with additional power
management functions. The POWCON register is used to
define power control specific functionality for the
ADE75XX/ADE71XX. The Program Control SFR (PCON,
0x87) is not bit addressable. See the Power Management section.
The ADE75XX/ADE71XX provides many other peripherals not
standard to the 8052 core.
•
ADE Energy Measurement DSP
•
RTC
•
LCD driver
•
Battery Switchover/Power Management
•
Temperature ADC
•
Battery ADC
•
SPI/I2C communication
•
Flash Memory controller
•
Watchdog Timer
MEMORY OVERVIEW
The ADE75XX/ADE71XX contains three memory blocks:
•
16 kbytes of on-chip Flash/EE program and data memory
•
256 bytes of general-purpose RAM
•
256 bytes of internal extended RAM (XRAM)
The 256 bytes of general-purpose RAM shares the upper 128
bytes of its address space with Special Function Registers. All of
the memory spaces are shown in Figure 54. The addressing
mode specifies which memory space to access.
General Purpose RAM:
General purpose RAM resides in
memory locations 0x00 through 0xFF. It contains the register
banks.
11
10
01
00
07H
0FH
17H
1FH
2FH
7FH
00H
08H
10H
18H
20H
RESET VALUE OF
STACK POINTER
30H
FOUR BANKS OF EIGHT
REGISTERS
R0 TO R7
BIT-ADDRESSABLE
(BIT ADDRESSES)
GENERAL-PURPOSE
AREA
BANKS
SELECTED
VIA
BITS IN PSW
Figure 56. Lower 128 Bytes of Internal Data Memory
Addresses 0x80 through 0xFF of General Purpose RAM are
shared with the Special Function Registers. The mode of
addressing determines which memory space is accessed as
shown in Figure 57.
ACCESSIBLE BY
DIRECT ADDRESSING
ONLY
ACCESSIBLE BY
INDIRECT ADDRESSING
ONLY
ACCESSIBLE BY
DIRECT AND INDIRECT
ADDRESSING
GENERAL PURPOSE RAM
SPECIAL FUNCTION REGISTERS (SFRs)
00h
7Fh
80h
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com