Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 86 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 82Page - Analog Devices ADE7169 Datasheet HTML 83Page - Analog Devices ADE7169 Datasheet HTML 84Page - Analog Devices ADE7169 Datasheet HTML 85Page - Analog Devices ADE7169 Datasheet HTML 86Page - Analog Devices ADE7169 Datasheet HTML 87Page - Analog Devices ADE7169 Datasheet HTML 88Page - Analog Devices ADE7169 Datasheet HTML 89Page - Analog Devices ADE7169 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 86 of 148
Table 66. WatchDog Timer SFR (WDCON, 0xC0)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7-4
0xC7 –
0xC4
PRE[3:0]
7
Watchdog pre-scaler. In normal mode, the 16-bit watchdog timer is clocked by the
input clock (32.768kHz). The PRE bits set which of the upper bits of the counter are
used as the watchdog output following:
CLKIN
t
PRE
watchdog
9
2
2
×
=
[3:0]
Watchdog Timeout
0000
15.6ms
0001
31.2ms
0010
62.5ms
0011
125ms
0100
250ms
0101
500ms
0110
1s
0111
2s
1000
0
Automatic Reset
1001
0
Serial download reset
1010 to 1111
Not a valid selection
3
0xC3
WDIR
0
Watchdog interrupt response bit.
When clear, watchdog will generate a system reset when the watchdog time out
period has expired
When set, the watchdog will generate a interrupt when the watchdog time out
period has expired.
2
0xC2
WDS
0
WDS Watchdog status bit.
This bit is set to indicate that a watchdog timeout has occurred.
WDS is cleared by writing a zero or by an external hardware reset. A watchdog
reset will not clear WDS. The bit can therefore be used to distinguish between a
watchdog reset and a hardware reset from the RESET pin.
1
0xC1
WDE
1
WDE Watchdog enable bit.
When set, enables the watchdog and clears its counter (e.g. 2 above). The
watchdog counter is subsequently cleared again whenever the WDE bit is set. If
the watchdog is not cleared within its selected timeout period it will generate a
system reset or watchdog interrupt, depending on the WDIR bit. The watchdog is
disabled (and WDE cleared) by any of the following:
Write zero to WDE
Watchdog reset (WDIR = 0)
Hardware reset
PSM interrupt
LOCK interrupt.
0
0xC0
WDWR
0
WDWR Watchdog write enable bit. To write data into the WDCON SFR involves a
double instruction sequence. The WDWR bit must be set and the following
instruction must be a write instruction to the WDCON SFR. This sequence is
necessary so that the WDCON SFR is protected from code execution upsets that
might unintentionally modify this SFR. Interrupts should be disabled during this
operation due to the consecutive instruction cycles.
e.g. Disable Watch dog
1 write to WDCON e.g. 2 Clear WDE bit
CLR EA
SETB WDWR
CLR WDE
SETB EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com