Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 4Page - Analog Devices ADE7169 Datasheet HTML 5Page - Analog Devices ADE7169 Datasheet HTML 6Page - Analog Devices ADE7169 Datasheet HTML 7Page - Analog Devices ADE7169 Datasheet HTML 8Page - Analog Devices ADE7169 Datasheet HTML 9Page - Analog Devices ADE7169 Datasheet HTML 10Page - Analog Devices ADE7169 Datasheet HTML 11Page - Analog Devices ADE7169 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 8 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Internal ADCs (Battery, Temperature, VDD)
Power supply operating range
2.2
3.7
V
Measured on VSWOUT
No missing codes1
8
bits
AC Power Supply Rejection
TBD
dB
DC Power Supply Rejection
TBD
dB
Integral Linearity Error
-1
1
LSB3
Differential Linearity Error
-1
1
LSB
Conversion Delay4
1
ms
Temperature sensor accuracy
-1
1
°C
at 25°C
-4
4
°C
between -40°C and 85°C
VDCIN ANALOG INPUT
Maximum Signal Levels
0
VSWOUT
V
Input Impedance (DC)
1
Low VDCIN detection threshold
1.08
1.2
1.32
V
Power-On Reset (POR)
VDD POR
Voltage operating range
1
3.7
V
Detection threshold
1.6
2.9
V
POR active Time-out period
TBD
ms
Strobe period in Battery
operation
TBD
Ms
VSWOUT POR
Voltage operating range (VSWOUT)
1
3.7
V
Detection threshold
1.8
2.2
V
POR active Time-out period
TBD
ms
VINTA and VINTD POR
Voltage operating range (VSWOUT)
1
3.7
V
Detection threshold
2.25
2.4
V
POR active Time-out period
TBD
ms
BATTERY SWITCH OVER
Voltage operating range (VSWOUT)
2.4
3.7
V
VDD
VBAT switching threshold (VSWOUT)
2.75
TBD
V
VDD
VBAT switching delay
TBD
ms
VBAT
VDD switching threshold (VDD)
2.75
TBD
V
VBAT
VDD switching delay
VSWOUT to VBAT leakage current
TBD
1
ms
nA
LCD – Charge pump active
LCDVP1 – LCDVP2 charge pump
capacitance
200
nF
LCDVA, LCDVB, LCDVC decoupling
capacitance
470
nF
LCDVA
0
1.7
V
LCDVB
0
4.0
V
1/2 bias modes
LCDVB
0
3.4
V
1/3 bias modes
LCDVC
0
5.1
V
1/3 bias mode
LCD stand-by current
100
nA
1/2 and 1/3 bias modes
V1 Segment line voltage
LCDVA-0.1 LCDVA
V
Current on segment line = -2
μA
V2 Segment line voltage
LCDVB-0.1 LCDVB
V
Current on segment line = -2
μA
V3 Segment line voltage
LCDVC-0.1 LCDVC
V
Current on segment line = -2
μA
DC voltage across Segment and COM pin
50
mV
LCDVC-LCDVB, LCDVC-LCDVA or LCDVB-
LCDVA
LCD – Resistor ladder active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com