Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169 Datasheet(PDF) 144 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 144 Page - Analog Devices

Back Button ADE7169 Datasheet HTML 140Page - Analog Devices ADE7169 Datasheet HTML 141Page - Analog Devices ADE7169 Datasheet HTML 142Page - Analog Devices ADE7169 Datasheet HTML 143Page - Analog Devices ADE7169 Datasheet HTML 144Page - Analog Devices ADE7169 Datasheet HTML 145Page - Analog Devices ADE7169 Datasheet HTML 146Page - Analog Devices ADE7169 Datasheet HTML 147Page - Analog Devices ADE7169 Datasheet HTML 148Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 144 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 144 of 148
x
0
0
GPIO
x
0
1
BCTRL
0
1
x
INT1 input disabled
1
1
x
INT1 input enabled
Controls the function of INT0
INT0PRG
Function
0
INT0 input disabled
0
INT0PRG
0
1
INT0 input enabled
Table 147.Table 148. Port 0 Alternate Functions
Pin
No.
Alternate Function
Alternate Function Enable
BCTRL external battery control input
Set INT1PROG[2:0]=X01 in the Interrupt pins configuration
SFR (INTPR, 0xFF)
INT1 external interrupt
Set EX1 in the Interrupt Enable SFR (IE, 0xA8).
P0.0
INT1 wakeup from PSM2 operating mode
Set INT1PROG[2:0]=11X in the Interrupt pins configuration
SFR (INTPR, 0xFF)
P0.1
FP19 LCD Segment Pin
Set FP19EN in the LCD Segment Enable 2 SFR (LCDSEGE2,
0xED)
CF1 ADE Calibration Frequency output
Clear the DISCF1 bit in the ADE energy measurement
internal MODE1 register (0x0B)
RTC Calibration output
Select the calibration window and frequency options and
then set the RTCCAL bit in the Interrupt pins configuration
SFR (INTPR, 0xFF)
P0.2
Note: The RTC Calibration output has priority over the CF1 output, so if the DISCF1 in the MODE1 register
(0x0B) is clear and RTCCAL bit in the Interrupt pins configuration SFR (INTPR, 0xFF) is set, the P0.2/CF1/RTCCAL
pin will follow the RTC Calibration output.
P0.2
CF1 ADE Calibration Frequency output
Clear the DISCF1 bit in the ADE energy measurement
internal MODE1 register (0x0B)
P0.3
CF2 ADE Calibration Frequency output
Clear the DISCF2 bit in the ADE energy measurement
internal MODE1 register (0x0B)
MOSI SPI Data line
Set the SCPS bit in the CFG SFR and set the SPIEN bit in the
SPI Configuration Register SFR (SPIMOD1, 0xE8).
P0.4
SDATA I2C Data line
Clear the SCPS bit in the Configuration SFR (CFG, 0xAF) and
set the I2CEN bit in the I2C Mode Register SFR (I2CMOD,
0xE8).
P0.5
MISO SPI Data line
Set the SCPS bit in the Configuration SFR (CFG, 0xAF) and set
the SPIEN bit in the SPI Configuration Register SFR
(SPIMOD2, 0xE9)
SCLK serial clock for I2C or SPI
Set the I2CEN bit in the I2CMOD SFR or the SPIEN bit in the
SPI Configuration Register SFR (SPIMOD2, 0xE9) to enable
the I2C or SPI interface
P0.6
T0 Timer0 input
Set the CNT0 bit in the Timer/Counter 0 and 1 Mode SFR
(TMOD, 0x89) to enable T0 as an external event counter
SS SPI slave select input for SPI in slave mode
Set the SS_EN bit in the SPI Configuration Register SFR
(SPIMOD1, 0xE8)
SS SPI slave select output for SPI in master
mode
Set the SPIMS_b bit in the SPI Configuration Register SFR
(SPIMOD2, 0xE9)
P0.7
T1 Timer 1 input
Set the CNT1 bit in the Timer/Counter 0 and 1 Mode SFR
(TMOD, 0x89) to enable T1 as an external event counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com