Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 119 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 119 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 115Page - Analog Devices ADE7566 Datasheet HTML 116Page - Analog Devices ADE7566 Datasheet HTML 117Page - Analog Devices ADE7566 Datasheet HTML 118Page - Analog Devices ADE7566 Datasheet HTML 119Page - Analog Devices ADE7566 Datasheet HTML 120Page - Analog Devices ADE7566 Datasheet HTML 121Page - Analog Devices ADE7566 Datasheet HTML 122Page - Analog Devices ADE7566 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 119 of 148
Table 112. Seconds Counter SFR (SEC, 0xA3)
Bit
Location
Bit
Mnemonic
Default
Value
Description
This counter updates every second, referenced from the calibrated 32kHz
clock. It overflows from 59 to 00, incrementing the minutes counter, MIN.
7-0
SEC
0
Note: This register is retained during a watchdog reset or an external reset.
It is reset after a power on reset (POR).
Table 113. Minutes Counter SFR (MIN, 0xA4)
Bit
Location
Bit
Mnemonic
Default
Value
Description
This counter updates every minute, referenced from the calibrated 32kHz
clock. It overflows from 59 to 00, incrementing the hours counter, HOUR.
7-0
MIN
0
Note: This register is retained during a watchdog reset or an external reset.
It is reset after a power on reset (POR).
Table 114. Hours Counter SFR (HOUR, 0xA5)
Bit
Location
Bit
Mnemonic
Default
Value
Description
This counter updates every hour, referenced from the calibrated 32kHz
clock. If the TFH bit in the RTC Configuration SFR (TIMECON, 0xA1) is set,
the HOUR SFR overflows from 23 to 00, setting the MIDNIGHT bit and
creating a pending RTC interrupt. If the TFH bit in the RTC Configuration
SFR (TIMECON, 0xA1) is clear, the HOUR SFR overflows from 255 to 00,
setting the MIDNIGHT bit and creating a pending RTC interrupt.
7-0
HOUR
0
Note: This register is retained during a watchdog reset or an external reset.
It is reset after a power on reset (POR).
Table 115. Alarm Interval SFR (INTVAL, 0xA6)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
INTVAL
0
The interval timer counts according to the timebase established in the
ITS[1:0] bits of the RTC Configuration SFR (TIMECON, 0xA1). Once the
number of counts is equal to INTVAL, the ALARM flag is set and a pending
RTC interrupt is created. Note that the interval counter is 8-bits so it could
count up to 255 seconds, for example.
Table 116. RTC Nominal Compensation SFR (RTCCOMP, 0xF6)
Bit
Location
Bit
Mnemonic
Default
Value
Description
The RTCCOMP SFR holds the nominal RTC compensation value at 25
°C.
7-0
RTCCOMP
0
Note: This register is reset after a watchdog reset, an external reset or a
power on reset (POR).
Table 117. RTC Temperature Compensation SFR (TEMPCAL, 0xF7)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
TEMPCAL
0
The TEMPCAL SFR is adjusted based on the temerature read in the
TEMPADC to calibrate the RTC over temperature. This allows the external
crystal shift to be compensated over temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com