Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 123 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 123 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 119Page - Analog Devices ADE7566 Datasheet HTML 120Page - Analog Devices ADE7566 Datasheet HTML 121Page - Analog Devices ADE7566 Datasheet HTML 122Page - Analog Devices ADE7566 Datasheet HTML 123Page - Analog Devices ADE7566 Datasheet HTML 124Page - Analog Devices ADE7566 Datasheet HTML 125Page - Analog Devices ADE7566 Datasheet HTML 126Page - Analog Devices ADE7566 Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 123 of 148
UART SERIAL INTERFACE
The ADE75XX/ADE71XX UART can be configured in one of
four modes:
- Shift register with baud rate fixed at Fcore/12
- 8-bit UART with variable baud rate
- 9- bit UART with baud rate fixed at Fcore/64 or Fcore/32
- 9 bit UART with variable baud rate
Variable baud rates are defined by using an internal timer to
generate any rate between 300 and 115200 bauds/s.
The UART serial interface provided in the
ADE75XX/ADE71XX is a full-duplex serial interface. It is also
receive buffered, by storing the first received byte in a receive
buffer until the reception of the second byte is complete. The
physical interface to the UART is provided via the RxD (P1.0)
and TxD (P1.1) pins, while the firmware interface is through
the SFRs presented in Table 121.
Both the serial port receive and transmit registers are accessed
through the SBUF SFR (SFR address = 0x99). Writing to SBUF
loads the transmit register, and reading SBUF accesses a
physically separate receive register.
An enhanced UART mode is offered by using UART Timer and
providing enhanced frame error, break error and overwrite
error detection. This mode is enabled by setting the EXTEN bit
in the CFG SFR—see the UART additional features section. The
SBAUDT and SBAUDF SFR are used to configure UART Timer
and to indicate the enhanced UART errors.
UART SFR REGISTER LIST
Table 121. Serial port SFRs
SFR
Address
Bit Addressable
Description
SCON
0x98
Yes
Serial Communications Control register – see Table 122
SBUF
0x99
No
Serial Port Buffer – see Table 123
SBAUDT
0x9E
No
Enhanced error checking
– see Table 124
SBAUDF
0x9D
No
Enhanced Fractional Divider
– see Table 125
Table 122. SCON SFR Bit Description SFR (SCON, 0x98)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
UART Serial Mode Select Bits. These bits select the serial port operating mode as
follows:
SM0
SM1
Selected Operating Mode.
0
0
Mode 0: Shift register, fixed baud rate (Fcore/12).
0
1
Mode 1: 8-bit UART, variable baud rate.
1
0
Mode 2: 9-bit UART, fixed baud rate (Fcore/32) or (Fcore/16).
7-6
0x9F,
0x9E
SM0,
SM1
00
1
1
Mode 3: 9-bit UART, variable baud rate.
5
0x9D
SM2
0
Multiprocessor Communication Enable Bit.
Enables multiprocessor communication in Modes 2 and 3 and framing error detection
in Mode 1.
In Mode 0, SM2 should be cleared.
In Mode 1, if SM2 is set, RI is not activated if a valid stop bit was not received. If SM2 is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com