Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 24Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 25Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 26Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 27Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 28Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 29Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 30Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 31Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 28 of 136
Battery Switchover and Power Supply Restored
PSM Interrupt
The ADE7566/ADE7569 can be configured to generate a PSM
interrupt when the source of VSW changes from VDD to VBAT,
indicating battery switchover. Setting the EBSO bit in the Power
Management Interrupt Enable SFR (IPSME, 0xEC) enables this
event to generate a PSM interrupt.
The ADE7566/ADE7569 can also be configured to generate an
interrupt when the source of VSW changes from VBAT to VDD,
indicating that the VDD power supply has been restored. Setting
the EPSR bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.
The flags in the Power Management Interrupt Flag SFR (IPSMF,
0xF8) for these interrupts, FBSO and FPSR, are set regardless of
whether the respective enable bits have been set. The battery
switchover and power supply restore event flags, FBSO and FPSR,
are latched. These events must be cleared by writing a 0 to these
bits. Bit 6 in the Peripheral Configuration SFR (PERIPH, 0xF4),
VSWSOURCE, tracks the source of VSW. The bit is set when VSW
is connected to VDD and cleared when VSW is connected to VBAT.
VDCIN ADC PSM Interrupt
The ADE7566/ADE7569 can be configured to generate a PSM
interrupt when VDCIN changes magnitude by more than a
configurable threshold. This threshold is set in the Temperature
and Supply Delta SFR (DIFFPROG, 0xF3). See the External
Voltage Measurement section for more information. Setting the
EVDCIN bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.
The VDCIN voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to
check the change in VDCIN. Conversions can also be initiated by
writing to the Start ADC Measurement SFR (ADCGO, 0xD8).
The FVDCIN flag indicates when a VDCIN measurement is ready.
See the External Voltage Measurement section for details on
how VDCIN is measured.
VBAT Monitor PSM Interrupt
The VBAT voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to
check the change in VBAT. The FBAT bit is set when the battery
level is lower than the threshold set in the Battery Detection
Threshold SFR (BATVTH, 0xFA) or when a new measurement
is ready in the Battery ADC Value SFR (BATADC, 0xDF). See
the Battery Measurement section for more information. Setting
the EBAT bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.
VDCIN Monitor PSM Interrupt
The VDCIN voltage is monitored by a comparator. The FVDCIN
bit in the Power Management Interrupt Flag SFR (IPSMF, 0xF8)
is set when the VDCIN input level is lower than 1.2 V. Setting the
EVDCIN bit in the Power Management Interrupt Enable SFR
(IPSME, 0xEC) enables this event to generate a PSM interrupt.
This event, which is associated with the SAG monitoring, can
be used to detect a power supply (VDD) being compromised and
to trigger further actions prior to deciding a switch of VDD to VBAT.
SAG Monitor PSM Interrupt
The ADE7566/ADE7569 energy measurement DSP monitors
the ac voltage input at the VP and VN input pins. The SAGLVL
register is used to set the threshold for a line voltage SAG event.
The FSAG bit in the Power Management Interrupt Flag SFR
(IPSMF, 0xF8) is set if the line voltage stays below the level set
in the SAGLVL register for the number of line cycles set in the
SAGCYC register. See the Line Voltage Sag Detection section
for more information. Setting the ESAG bit in the Power
Management Interrupt Enable SFR (IPSME, 0xEC) enables this
event to generate a PSM interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com