Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 100 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 96Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 97Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 98Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 99Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 100Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 101Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 102Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 103Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 100 of 136
TIMERS
Each ADE7566/ADE7569 has three 16-bit timer/counters: Timer 0,
Timer 1, and Timer 2. The timer/counter hardware is included
on-chip to relieve the processor core of overhead inherent in
implementing timer/counter functionality in software. Each
timer/counter consists of two 8-bit registers: THx and TLx
(x = 0, 1, or 2). All three can be configured to operate either as
timers or as event counters.
When functioning as a timer, the TLx register is incremented
every machine cycle. Thus, users can think of it as counting
machine cycles. Because a machine cycle on a single-cycle core
consists of one core clock period, the maximum count rate is
the core clock frequency.
When functioning as a counter, the TLx register is incremented
by a 1-to-0 transition at its corresponding external input pin:
T0, T1, or T2. When the samples show a high in one cycle and a
low in the next cycle, the count is incremented. Because it takes
two machine cycles (two core clock periods) to recognize a 1-to-0
transition, the maximum count rate is half the core clock frequency.
There are no restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled at least once
before it changes, it must be held for a minimum of one full
machine cycle. User configuration and control of all timer
operating modes is achieved via the SFRs in Table 98.
Table 98. Timer SFRs
SFR
Address
Bit Addressable
Description
TCON
0x88
Yes
Timer0 and Timer1 Control Register (see Table 100).
TMOD
0x89
No
Timer0 and Timer1 Mode Register (see Table 99).
TL0
0x8A
No
Timer0 LSB (see Table 103).
TL1
0x8B
No
Timer1 LSB (see Table 105).
TH0
0x8C
No
Timer0 MSB (see Table 102).
TH1
0x8D
No
Timer1 MSB (see Table 104).
T2CON
0xC8
Yes
Timer2 Control Register (see Table 101).
RCAP2L
0xCA
No
Timer2 Reload/Capture LSB (see Table 109).
RCAP2H
0xCB
No
Timer2 Reload/Capture MSB (see Table 108).
TL2
0xCC
No
Timer2 LSB (see Table 107).
TH2
0xCD
No
Timer2 MSB (see Table 106).
TIMER SFR REGISTERS
Table 99. Timer/Counter 0 and Timer/Counter 1 Mode SFR (TMOD, 0x89)
Bit No.
Mnemonic
Default
Description
7
Gate1
0
Timer 1 Gating Control. Set by software to enable Timer/Counter 1 only when the INT1 pin is high and
the TR1 control is set. Cleared by software to enable Timer 1 whenever the TR1control bit is set.
6
C/T1
0
Timer 1 Timer or Counter Select Bit. Set by software to select counter operation (input from T1 pin).
Cleared by software to select the timer operation (input from internal system clock).
Timer 1 Mode Select Bits.
T1/M[1:0]
Result
00
TH1 operates as an 8-bit timer/counter. TL1 serves as 5-bit prescaler.
01
16-Bit Timer/Counter. TH1 and TL1 are cascaded; there is no prescaler.
10
8-Bit Autoreload Timer/Counter. TH1 holds a value that is to be reloaded into TL1 each
time it overflows.
5 to 4
T1/M1,
T1/M0
00
11
Timer/Counter 1 Stopped.
3
Gate0
0
Timer 0 Gating Control. Set by software to enable Timer/Counter 0 only when the INT0 pin is high and the
TR0 control bit is set. Cleared by software to enable Timer 0 whenever the TR0 control bit is set.
2
C/T0
0
Timer 0 Timer or Counter Select Bit. Set by software to the select counter operation (input from T0 pin).
Cleared by software to the select timer operation (input from internal system clock).
Timer 0 Mode Select Bits.
T0/M[1:0]
Result
00
TH0 operates as an 8-bit timer/counter. TL0 serves as a 5-bit prescaler.
01
16-Bit Timer/Counter. TH0 and TL0 are cascaded; there is no prescaler.
10
8-Bit Autoreload Timer/Counter. TH0 holds a value that is to be reloaded into TL0 each
time it overflows.
1 to 0
T0/M1,
T0/M0
00
11
TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits. TH0 is an
8-bit timer only, controlled by Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com