Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 59Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 60Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 61Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 62Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 63Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 64Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 65Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 66Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 63 of 136
ENERGY-TO-FREQUENCY CONVERSION
The ADE7566/ADE7569 also provide two energy-to-frequency
conversions for calibration purposes. After initial calibration at
manufacturing, the manufacturer or end customer often verify
the energy meter calibration. One convenient way to do this is
for the manufacturer to provide an output frequency that is
proportional to the active power, reactive power, apparent power,
or Irms under steady load conditions. This output frequency can
provide a simple, single-wire, optically isolated interface to external
calibration equipment. Figure 65 illustrates the energy-to-
frequency conversion in the ADE7566/ADE7569.
VAR
VA
CFxSEL[1:0]
WATT
VARMSCFCON
MODE2 REGISTER 0x0C
Irms
CFx PULSE
OUTPUT
CFxNUM
CFxDEN
÷
DFC
Figure 65. Energy-to-Frequency Conversion
Two digital-to-frequency converters (DFC) are used to generate
the pulsed outputs. When WDIV = 0 or 1, the DFC generates a
pulse each time 1 LSB in the energy register is accumulated. An
output pulse is generated when CFxNUM/CFxDEN number of
pulses are generated at the DFC output. Under steady load
conditions, the output frequency is proportional to the active
power, reactive power, apparent power or Irms, depending on the
CFxSEL bits in the MODE2 Register (0x0C).
Both pulse outputs can be enabled or disabled by clearing or
setting Bit DISCF1 and Bit DISCF2 in the MODE1 Register
(0x0B), respectively.
Both pulse outputs set separate flags in the Interrupt Status
Register 2 SFR (MIRQSTM, 0xDD), CF1 and CF2. If the CF1
and CF2 enable bits in the Interrupt Enable Register 2 SFR
(MIRQENM, 0xDA) are set, the 8052 core has a pending ADE
interrupt. The ADE interrupt stays active until the CF1 or CF2
status bits are cleared (see the Energy Measurement Interrupts
section).
Pulse Output Configuration
The two pulse output circuits have separate configuration bits
in the MODE2 Register (0x0C). Setting the CFxSEL bits to
0b00, 0b01, or 0b1x configure the DFC to create a pulse output
proportional to active power, reactive power (not available in
the ADE7566), or apparent power/Irms, respectively.
The selection between Irms and apparent power is done by the
VARMSCFCON bit in the MODE2 Register (0x0C). With this
selection, CF2 cannot be proportional to apparent power if CF1
is proportional to Irms, and CF1 cannot be proportional to
apparent power apparent power if CF2 is proportional to Irms.
Pulse Output Characteristic
The pulse output for both DFCs stays low for 90 ms if the pulse
period is longer than 180 ms (5.56 Hz). If the pulse period is
shorter than 180 ms, the duty cycle of the pulse output is 50%.
The pulse output is active low and should preferably be
connected to an LED as shown on Figure 66.
VDD
CF
Figure 66. CF Pulse Output
The maximum output frequency with ac input signals at
full scale and CFxNUM = 0x00 and CFxDEN = 0x00 is
approximately 21.1 kHz.
The ADE7566/ADE7569 incorporate two registers per DFC,
CFxNUM[15:0] and CFxDEN[15:0], to set the CFx frequency.
These are unsigned 16-bit registers that can be used to adjust
the CFx frequency to a wide range of values. These frequency
scaling registers are 16-bit registers that can scale the output
frequency by 1/216 to 1 with a step of 1/216.
If the value 0 is written to any of these registers, the value 1
would be applied to the register. The ratio CFxNUM/CFxDEN
should be less than 1 to ensure proper operation. If the ratio of
the registers CFxNUM/CFxDEN is greater than 1, the register
values are adjusted to a ratio of 1. For example, if the output
frequency is 1.562 kHz while the contents of CFxDEN are 0
(0x000), the output frequency can be set to 6.1 Hz by writing
0xFF to the CFxDEN register.
ENERGY REGISTER SCALING
The ADE7566/ADE7569 provide measurements of active,
reactive, and apparent energies that use separate paths and
filtering for calculation. The difference in data paths can result
in small differences in LSB weight between active, reactive, and
apparent energy registers. These measurements are internally
compensated so the scaling is nearly one to one. The
relationship between these registers is show in Table 43.
Table 43. Energy Registers Scaling
Line Frequency = 50 Hz
Line Frequency = 60 Hz
Integrator
VAR = 0.9952 × WATT
VAR = 0.9949 × WATT
Off
VA = 0.9978 × WATT
VA = 1.0015 × WATT
Off
VAR = 0.9997 × WATT
VAR = 0.9999 × WATT
On
VA = 0.9977 × WATT
VA = 1.0015 × WATT
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com