Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 31 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 27Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 28Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 29Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 30Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 31Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 32Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 33Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 34Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 31 of 136
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0, normal operating mode, VSW is connected to VDD. All
of the analog and digital circuitry powered by VINTD and VINTA
are enabled by default. In normal mode, the default clock
frequency, fCORE, established during a power-on reset or software
reset, is 1.024 MHz.
PSM1 (BATTERY MODE)
In PSM1, battery mode, VSW is connected to VBAT. In this operating
mode, the 8052 core and all of the digital circuitry are enabled
by default. The analog circuitry for the ADE energy metering
DSP powered by VINTA is disabled. This analog circuitry auto-
matically restarts once the VDD supply is above 2.75 V and if
the PWRDN bit in the MODE1 Register (0x0B) is cleared.
The default fCORE for PSM1, established during a power-on
reset or software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 is a low power consumption sleep mode for use in battery
operation. In this mode, VSW is connected to VBAT. All of the
2.5 V digital and analog circuitry powered through VINTA and VINTD
are disabled, including the MCU core, resulting in the
following:
•
The RAM in the MCU is no longer valid.
•
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5 V supply is shut
down. Therefore, the program does not resume from
where it left off, but always starts from the power-on reset
vector when the ADE7566/ADE7569 come out of PSM2.
The 3.3 V peripherals (temperature ADC, VDCIN ADC, RTC,
and LCD) are active in PSM2. They can be enabled or disabled
to reduce power consumption and are configured for PSM2
operation when the MCU core is active (see Table 26 for more
information about the individual peripherals and their PSM2
configuration). The ADE7566/ADE7569 remain in PSM2 until
an event occurs to wake it up.
In PSM2, the ADE7566/ADE7569 provide four scratch pad
RAM SFRs that are maintained during this mode. These SFRs
can be used to save data from PSM0 or PSM1 when entering
PSM2 (see Table 18 to Table 22).
In PSM2, the ADE7566/ADE7569 maintain some SFRs (see
Table 25). The SFRs that are not listed in this table should be
restored when the part enters PSM0 or PSM1 from PSM2.
Table 25. SFR Maintained in PSM2
I/O Configuration
Power Supply Monitoring
RTC Peripherals
LCD Peripherals
Interrupt Pins Configuration SFR
(INTPR, 0xFF)
Battery Detection Threshold SFR
(BATVTH, 0xFA)
RTC Nominal Compensation SFR
(RTCCOMP, 0xF6)
LCD Segment Enable 2 SFR
(LCDSEGE2, 0xED)
Peripheral Configuration SFR
(PERIPH, 0xF4)
Battery Switchover Configuration SFR
(BATPR, 0xF5)
RTC Temperature Compensation SFR
(TEMPCAL, 0xF7)
LCD Configuration Y SFR
(LCDCONY, 0xB1)
Port 0 Weak Pull-Up Enable SFR
(PINMAP0, 0xB2)
Battery ADC Value SFR (BATADC, 0xDF)
RTC Configuration SFR (TIMECON, 0xA1)
LCD Configuration X SFR
(LCDCONX, 0x9C)
Port 1 Weak Pull-Up Enable SFR
(PINMAP1, 0xB3)
Peripheral ADC Strobe Period SFR
(STRBPER, 0xF9)
Hundredths of a Second Counter SFR
(HTHSEC, 0xA2)
LCD Configuration SFR (LCDCON,
0x95)
Port 2 Weak Pull-Up Enable SFR
(PINMAP2, 0xB4)
Temperature and Supply Delta SFR
(DIFFPROG, 0xF3)
Seconds Counter SFR (SEC, 0xA3)
LCD Clock SFR (LCDCLK, 0x96)
Scratch Pad 1 SFR (SCRATCH1, 0xFB)
VDCIN ADC Value SFR (VDCINADC, 0xEF)
Minutes Counter SFR (MIN, 0xA4)
LCD Segment Enable SFR
(LCDSEGE, 0x97)
Scratch Pad 2 SFR (SCRATCH2, 0xFC)
Temperature ADC Value SFR
(TEMPADC, 0xD7)
Hours Counter SFR (HOUR, 0xA5)
LCD Pointer SFR (LCDPTR, 0xAC)
Scratch Pad 3 SFR (SCRATCH3, 0xFD)
–
Alarm Interval SFR (INTVAL, 0xA6)
LCD Data SFR (LCDDAT, 0xAE)
Scratch Pad 4 SFR (SCRATCH4, 0xFE)
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com