Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 65 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 61Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 62Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 63Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 64Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 65Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 66Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 67Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 68Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 65 of 136
TEMPERATURE, BATTERY, AND SUPPLY VOLTAGE MEASUREMENTS
The ADE7566/ADE7569 include temperature measurements as
well as battery and supply voltage measurements. These measure-
ments enable many forms of compensation. The temperature and
supply voltage measurements can be used to compensate external
circuitry. The RTC can be calibrated over temperature to ensure
that it does not drift. Supply voltage measurements allow the LCD
contrast to be maintained despite variations in voltage. Battery
measurements allow low battery detection to be performed.
All ADC measurements are configured through the SFRs
detailed in Table 44.
The temperature, battery, and supply voltage measurements can
be configured to continue functioning in PSM1 and PSM2. This
is done by setting Bit RTCEN in the RTC Configuration SFR
(TIMECON, 0xA1). Keeping the temperature measurement
active ensures that it is not necessary to wait for the temperature
measurement to settle before using it for compensation.
Table 44. Temperature, Battery, and Supply Voltage Measurement SFRs
SFR Address
R/W
Name
Description
0xF9
R/W
STRBPER
Strobing Period Configuration (see Table 45).
0xF3
R/W
DIFFPROG
Temperature and Supply Delta Configuration (see Table 46).
0xD8
R/W
ADCGO
ADC Start Configuration (see Table 47).
0xFA
R/W
BATVTH
Battery Threshold Configuration (see Table 48).
0xEF
R/W
VDCINADC
VDCIN ADC Value (see Table 49).
0xDF
R/W
BATADC
Battery ADC Value (see Table 50).
0xD7
R/W
TEMPADC
Temperature ADC Value (see Table 51).
Table 45. Peripheral ADC Strobe Period SFR (STRBPER, 0xF9)1
Bit No.
Mnemonic
Default
Description
7 to 6
Reserved
–
Reserved.
Period for background external voltage measurements.
VDCIN_PERIOD[1:0]
Result
00
No VDCIN measurement
01
8 min
10
2 min
5 to 4
VDCIN_PERIOD[1:0]
0
11
1 min
Period for background battery level measurements.
BATT_PERIOD[1:0]
Result
00
No battery measurement
01
16 min
10
4 min
3 to 2
BATT_PERIOD[1:0]
0
11
1 min
Period for background temperature measurements.
TEMP_PERIOD[1:0]
Result
00
No temperature measurements
01
8 min
10
2 min
1 to 0
TEMP_PERIOD[1:0]
0
11
1 min
1 The strobing option only works when the RTCEN bit in RTC Configuration SFR (TIMECON, 0xA1) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com