Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF82 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7566ASTZF82
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF82 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7566ASTZF82 Datasheet HTML 25Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 26Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 27Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 28Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 29Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 30Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 31Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 32Page - Analog Devices ADE7566ASTZF82 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 29 of 136
USING THE POWER SUPPLY FEATURES
In an energy meter application, the 3.3 V power supply (VDD), is
typically generated from the ac line voltage and regulated to
3.3 V by a voltage regulator IC. The pre-regulated dc voltage,
typically 5 V to 12 V, can be connected to VDCIN through a
resistor divider. A 3.6 V battery can be connected to VBAT.
Figure 24 shows how the ADE7566/ADE7569 power supply
inputs would be set up in this application.
Figure 25 shows the sequence of events that would occur if the
main power supply generated by the PSU started to fail in the
power meter application shown in Figure 24. The SAG
detection can provide the earliest warning of a potential
problem on VDD. When a SAG event occurs, the user code can
be configured to backup data and prepare for battery switchover
if desired. The relative spacing of these interrupts depends on
the design of the power supply.
Figure 26 shows the sequence of events that would occur if the
main power supply started to fail in the power meter application
shown in Figure 24, with battery switchover on low VDCIN or low
VDD enabled.
Finally, the transition between VDD and VBAT and the different
Power Supply Modes (see the Operating Modes section) are
represented in Figure 28.
VOLTAGE
SUPERVISORY
POWER SUPPLY
MANAGEMENT
IPSMF SFR
(ADDR. 0xF8)
VSW
VBAT
VSWOUT
VDD
58
61
60
VOLTAGE
SUPERVISORY
64
VDCIN
3.3V
REGULATOR
5V TO 12V DC
PSU
50
SAG
DETECTION
49
45
BCTRL
VP
VN
(240V, 220V, 110V TYPICAL)
AC INPUT
Figure 24. Power Supply Management for Energy Meter Application
t1
t2
VDD
VDCIN
VP – VN
2.75V
1.2V
SAG LEVEL TRIP POINT
SAGCYC = 1
SAG EVENT
(FSAG = 1)
VDCIN EVENT
(FVDCIN = 1)
IF SWITCHOVER ON LOW VDD IS ENABLED,
AUTOMATIC BATTERY SWITCHOVER
VSW CONNECTED TO VBAT
BSO EVENT
(FBSO = 1)
Figure 25. Power Supply Management Interrupts and Battery Switchover with Only VDD Enabled for Battery Switchover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com