Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 60Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 61Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 62Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 63Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 64Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 65Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 66Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 67Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 210 page
background image
64
AT8xC51SND1C
4109E–8051–06/03
Audio Controls
Volume Control
The MP3 decoder implements volume control on both right and left channels. The
MP3VOR and MP3VOL registers allow a 32-step volume control according to Table 69.
Table 69. Volume Control
Equalization Control
Sound can be adjusted using a 3-band equalizer: a bass band under 750 Hz, a medium
band from 750 Hz to 3300 Hz and a treble band over 3300 Hz. The MP3BAS, MP3MED,
and MP3TRE registers allow a 32-step gain control in each band according to Table 70.
Table 70. Bass, Medium, Treble Control
Special Effect
The MPBBST bit in MP3CON register allows enabling of a bass boost effect with the fol-
lowing characteristics: gain increase of +9 dB in the frequency under 375 Hz.
Decoding Errors
The three different errors that can appear during frame processing are detailed in the
following sections. All these errors can trigger an interrupt as explained in Section "Inter-
rupt", page 66.
Layer Error
The ERRSYN flag in MP3STA is set when a non-supported layer is decoded in the
header of the frame that has been sent to the decoder.
Synchronization Error
The ERRSYN flag in MP3STA is set when no synchronization pattern is found in the
data that have been sent to the decoder.
CRC Error
When the CRC of a frame does not match the one calculated, the flag ERRCRC in
MP3STA is set. In this case, depending on the CRCEN bit in MP3CON, the frame is
played or rejected. In both cases, noise may appear at audio output.
VOL4:0 or VOR4:0
Volume Gain (dB)
00000
Mute
00001
-33
00010
-27
11110
-1.5
11111
0
BAS4:0 or MED4:0 or TRE4:0
Gain (dB)
00000
-
∞
00001
-14
00010
-10
11110
+1
11111
+1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com