Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 37Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 210 page
background image
37
AT8xC51SND1C
4109E–8051–06/03
Table 49. Priority Levels
A low-priority interrupt is always interrupted by a higher priority interrupt but not by
another interrupt of lower or equal priority. Higher priority interrupts are serviced before
lower priority interrupts. The response to simultaneous occurrence of equal priority inter-
rupts is determined by an internal hardware polling sequence detailed in Table 50.
Thus, within each priority level there is a second priority structure determined by the
polling sequence. The interrupt control system is shown in Figure 21.
Table 50. Priority within Same Level
IPHxx
IPLxx
Priority Level
0
0
0 Lowest
01
1
10
2
1
1
3 Highest
Interrupt Name
Priority Number
Interrupt Address
Vectors
Interrupt Request Flag
Cleared by Hardware
(H) or by Software (S)
INT0
1 (Highest Priority)
C:0003h
H if edge, S if level
Timer 0
2
C:000Bh
H
INT1
3
C:0013h
H if edge, S if level
Timer 1
4
C:001Bh
H
Serial Port
5
C:0023h
S
MP3 Decoder
6
C:002Bh
S
Audio Interface
7
C:0033h
S
MMC Interface
8
C:003Bh
S
Two Wire Controller
9
C:0043h
S
SPI Controller
10
C:004Bh
S
A to D Converter
11
C:0053h
S
Keyboard
12
C:005Bh
S
Reserved
13
C:0063h
-
USB
14
C:006Bh
S
Reserved
15 (Lowest Priority)
C:0073h
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com