Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 42Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 43Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 44Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 46Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 47Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 48Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 210 page
background image
45
AT8xC51SND1C
4109E–8051–06/03
Table 56. IPL1 Register
IPL1 (S:B2h) – Interrupt Priority Low Register 1
Reset Value = 0000 0000b
7654
3210
-
IPLUSB
-
IPLKB
IPLADC
IPLSPI
IPLI2C
IPLMMC
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6IPLUSB
USB Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
5-
Reserved
The value read from this bit is always 0. Do not set this bit.
4IPLKB
Keyboard Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
3IPLADC
A to D Converter Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
2IPLSPI
SPI Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
1IPLI2C
Two Wire Controller Interrupt Priority Level LSB
Refer to Table 49 for priority level description.
0IPLMMC
MMC Interrupt Priority Level LSB
Refer to Table 49 for priority level description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com