Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 56Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 57Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 58Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 59Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 60Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 61Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 62Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 63Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 210 page
background image
60
AT8xC51SND1C
4109E–8051–06/03
Watchdog Operation
After reset, the WDT is disabled. The WDT is enabled by writing the sequence 1Eh and
E1h into the WDTRST register. As soon as it is enabled, there is no way except the chip
reset to disable it. If it is not cleared using the previous sequence, the WDT overflows
and forces a chip reset. This overflow generates a high level 96 oscillator periods pulse
on the RST pin to globally reset the application (refer to Section “Power Management”,
page 46).
The WDT time-out period can be adjusted using WTO2:0 bits located in the WDTPRG
register accordingly to the formula shown in Figure 40. In this formula, WTOval repre-
sents the decimal value of WTO2:0 bits. Table 66 reports the time-out period depending
on the WDT frequency.
Figure 40. WDT Time-Out Formula
Notes:
1. These frequencies are achieved in X1 mode or in X2 mode when WTX2 = 1:
F
WDT = FOSC ÷ 2.
2. These frequencies are achieved in X2 mode when WTX2 = 0: FWDT = FOSC.
WDT Behavior during Idle and
Power-down Modes
Operation of the WDT during power reduction modes deserves special attention.
The WDT continues to count while the AT8xC51SND1C is in Idle mode. This means
that you must dedicate some internal or external hardware to service the WDT during
Idle mode. One approach is to use a peripheral Timer to generate an interrupt request
when the Timer overflows. The interrupt service routine then clears the WDT, reloads
the peripheral Timer for the next service period and puts the AT8xC51SND1C back into
Idle mode.
The Power-down mode stops all phase clocks. This causes the WDT to stop counting
and to hold its count. The WDT resumes counting from where it left off if the Power-
down mode is terminated by INT0, INT1 or keyboard interrupt. To ensure that the WDT
does not overflow shortly after exiting the Power-down mode, it is recommended to clear
the WDT just before entering Power-down mode.
The WDT is cleared and disabled if the Power-down mode is terminated by a reset.
Table 66. WDT Time-Out Computation
WTO2
WTO1
WTO0
F
WDT (ms)
6 MHz
(1)
8 MHz
(1)
10 MHz
(1)
12 MHz
(2)
16 MHz
(2)
20 MHz
(2)
0
0
0
16.38
12.28
9.83
8.19
6.14
4.92
0
0
1
32.77
24.57
19.66
16.38
12.28
9.83
0
1
0
65.54
49.14
39.32
32.77
24.57
19.66
0
1
1
131.07
98.28
78.64
65.54
49.14
39.32
1
0
0
262.14
196.56
157.29
131.07
98.28
78.64
1
0
1
524.29
393.1
314.57
262.14
196.56
157.29
1
1
0
1049
786.24
629.15
524.29
393.12
314.57
1
1
1
2097
1572
1258
1049
786.24
629.15
WDT
TO=
F
WDT
6
⋅ ((214 ⋅ 2WTOval) – 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com