Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 55Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 56Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 57Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 58Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 59Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 60Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 61Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 62Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 210 page
background image
59
AT8xC51SND1C
4109E–8051–06/03
Watchdog Timer
The AT8xC51SND1C implement a hardware Watchdog Timer (WDT) that automatically
resets the chip if it is allowed to time out. The WDT provides a means of recovering from
routines that do not complete successfully due to software or hardware malfunctions.
Description
The WDT consists of a 14-bit prescaler followed by a 7-bit programmable counter. As
shown in Figure 38, the 14-bit prescaler is fed by the WDT clock detailed in
Section “Watchdog Clock Controller”, page 59.
The Watchdog Timer Reset register (WDTRST, see Table 67) provides control access
to the WDT, while the Watchdog Timer Program register (WDTPRG, see Figure 41) pro-
vides time-out period programming.
Three operations control the WDT:
•
Chip reset clears and disables the WDT.
•
Programming the time-out value to the WDTPRG register.
•
Writing a specific 2-Byte sequence to the WDTRST register clears and enables the
WDT.
Figure 38. WDT Block Diagram
Watchdog Clock
Controller
As shown in Figure 39 the WDT clock (F
WDT) is derived from either the peripheral clock
(F
PER) or the oscillator clock (FOSC) depending on the WTX2 bit in CKCON register.
These clocks are issued from the Clock Controller block as detailed in Section "Clock
Controller", page 12. When WTX2 bit is set, the WDT clock frequency is fixed and equal
to the oscillator clock frequency divided by 2. When cleared, the WDT clock frequency is
equal to the oscillator clock frequency divided by 2 in standard mode or to the oscillator
clock frequency in X2 mode.
Figure 39. WDT Clock Controller and Symbol
WTO2:0
WDTPRG.2:0
WDT
CLOCK
÷ 6
System Reset
1Eh-E1h Decoder
WDTRST
14-bit Prescaler
RST
7-bit Counter
RST
To internal reset
EN
RST
MATCH
SET
OV
OSC
CLOCK
RST
Pulse Generator
PER
CLOCK
WDT
CLOCK
OSC
CLOCK
0
1
WTX2
CKCON.6
÷ 2
WDT Clock
WDT Clock Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com