Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 210 page
background image
17
AT8xC51SND1C
4109E–8051–06/03
Program/Code
Memory
The AT8xC51SND1C implement 64K Bytes of on-chip program/code memory.
Figure 11 shows the split of internal and external program/code memory spaces
depending on the product.
The AT83C51SND1C product provides the internal program/code memory in ROM
memory while the AT89C51SND1C product provides it in Flash memory. These 2 prod-
ucts do not allow external code memory execution.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical era-
sure and programming. The high voltage needed for programming or erasing Flash cells
is generated on-chip using the standard V
DD voltage, made possible by the internal
charge pump. Thus, the AT89C51SND1C can be programmed using only one voltage
and allows In-application software programming. Hardware programming mode is also
available using common programming tools. See the application note ‘Programming
T89C51x and AT89C51x with Device Programmers’.
The AT89C51SND1C implements an additional 4K Bytes of on-chip boot Flash memory
provided in Flash memory. This boot memory is delivered programmed with a standard
boot loader software allowing In-System Programming (ISP). It also contains some
Application Programming Interface routines named API routines allowing In Application
Programming (IAP) by using user’s own boot loader.
Figure 11. Program/Code Memory Organization
ROM Memory
Architecture
As shown in Figure 11 the AT83C51SND1C ROM memory is composed of one space
detailed in the following paragraphs.
Figure 12. AT83C51SND1C Memory Architecture
4K Bytes
Boot Flash
FFFFh
F000h
0000h
64K Bytes
Code Flash
FFFFh
AT89C51SND1C
0000h
64K Bytes
Code ROM
FFFFh
AT83C51SND1C
F000h
FFFFh
64K Bytes
ROM Memory
0000h
User



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com