Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 210 page
background image
105
AT8xC51SND1C
4109E–8051–06/03
Table 97. UEPRST Register
UEPRST (S:D5h) – USB Endpoint FIFO Reset Register
Reset Value = 0000 0000b
Table 98. UEPINT Register
UEPINT (S:F8h Read-only) – USB Endpoint Interrupt Register
Reset Value = 0000 0000b
7654
3210
-----
EP2RST
EP1RST
EP0RST
Bit
Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The value read from these bits is always 0. Do not set these bits.
2EP2RST
Endpoint 2 FIFO Reset
Set and clear to reset the endpoint 2 FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
1EP1RST
Endpoint 1 FIFO Reset
Set and clear to reset the endpoint 1 FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
0EP0RST
Endpoint 0 FIFO Reset
Set and clear to reset the endpoint 0 FIFO prior to any other operation, upon
hardware reset or when an USB bus reset has been received.
7654
3210
-----
EP2INT
EP1INT
EP0INT
Bit
Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The value read from these bits is always 0. Do not set these bits.
2EP2INT
Endpoint 2 Interrupt Flag
Set by hardware when an interrupt is triggered in UEPSTAX and the endpoint 2
interrupt is enabled in UEPIEN.
Must be cleared by software.
1EP1INT
Endpoint 1 Interrupt Flag
Set by hardware when an interrupt is triggered in UEPSTAX and the endpoint 1
interrupt is enabled in UEPIEN.
Must be cleared by software.
0EP0INT
Endpoint 0 Interrupt Flag
Set by hardware when an interrupt is triggered in UEPSTAX and the endpoint 0
interrupt is enabled in UEPIEN.
Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com