Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 130Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 131Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 132Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 133Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 134Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 135Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 136Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 137Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 210 page
background image
134
AT8xC51SND1C
4109E–8051–06/03
Serial I/O Port
The serial I/O port in the AT8xC51SND1C provides both synchronous and asynchro-
nous communication modes. It operates as a Synchronous Receiver and Transmitter in
one single mode (Mode 0) and operates as an Universal Asynchronous Receiver and
Transmitter (UART) in three full-duplex modes (Modes 1, 2 and 3). Asynchronous
modes support framing error detection and multiprocessor communication with auto-
matic address recognition.
Mode Selection
SM0 and SM1 bits in SCON register (see Figure 125) are used to select a mode among
the single synchronous and the three asynchronous modes according to Table 123.
Table 123. Serial I/O Port Mode Selection
Baud Rate Generator
Depending on the mode and the source selection, the baud rate can be generated from
either the Timer 1 or the Internal Baud Rate Generator. The Timer 1 can be used in
Modes 1 and 3 while the Internal Baud Rate Generator can be used in Modes 0, 1
and 3.
The addition of the Internal Baud Rate Generator allows freeing of the Timer 1 for other
purposes in the application. It is highly recommended to use the Internal Baud Rate
Generator as it allows higher and more accurate baud rates than Timer 1.
Baud rate formulas depend on the modes selected and are given in the following mode
sections.
Timer 1
When using Timer 1, the Baud Rate is derived from the overflow of the timer. As shown
in Figure 94 Timer 1 is used in its 8-bit auto-reload mode (detailed in Section "Mode 2
(8-bit Timer with Auto-Reload)", page 53). SMOD1 bit in PCON register allows doubling
of the generated baud rate.
Figure 94. Timer 1 Baud Rate Generator Block Diagram
SM0
SM1
Mode
Description
Baud Rate
0
0
0
Synchronous Shift Register
Fixed/Variable
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
Fixed
1
1
3
9-bit UART
Variable
TR1
TCON.6
0
1
GATE1
TMOD.7
Overflow
C/T1#
TMOD.6
TL1
(8 bits)
TH1
(8 bits)
INT1
T1
PER
CLOCK
÷ 6
0
1
SMOD1
PCON.7
÷ 2
T1
CLOCK
To serial
Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com