Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 146Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 147Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 148Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 149Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 150Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 151Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 152Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 153Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
150
AT8xC51SND1C
4109E–8051–06/03
Figure 116. Data Transmission Format (CPHA = 1)
SS Management
Figure 115 shows an SPI transmission with CPHA = 0, where the first SCK edge is the
MSB capture point. Therefore the slave starts to output its MSB as soon as it is
selected: SS asserted to low level. SS must then be deasserted between each Byte
transmission (see Figure 117). SPDAT must be loaded with a data before SS is
asserted again.
Figure 116 shows an SPI transmission with CPHA = 1, where the first SCK edge is used
by the slave as a start of transmission signal. Therefore, SS may remain asserted
between each Byte transmission (see Figure 117).
Figure 117. SS Timing Diagram
Error Conditions
The following flags signal the SPI error conditions:
•
MODF in SPSTA signals a mode fault.
MODF flag is relevant only in master mode when SS usage is enabled (SSDIS bit
cleared). It signals when set that an other master on the bus has asserted SS pin
and so, may create a conflict on the bus with 2 master sending data at the same
time.
•
A mode fault automatically disables the SPI (SPEN cleared) and configures the SPI
in slave mode (MSTR cleared).
MODF flag can trigger an interrupt as explained in Section "Interrupt", page 151.
MODF flag is cleared by reading SPSTA and re-configuring SPI by writing to
SPCON.
•
WCOL in SPSTA signals a write collision.
WCOL flag is set when SPDAT is loaded while a transfer is on-going. In this case
data is not written to SPDAT and transfer continue uninterrupted. WCOL flag does
not trigger any interrupt and is relevant jointly with SPIF flag.
WCOL flag is cleared after reading SPSTA and writing new data to SPDAT while no
transfer is on-going.
1
2
3
4
5
6
7
8
MSB
bit 1
LSB
bit 2
bit 4
bit 3
bit 6
bit 5
bit 1
bit 2
bit 4
bit 3
bit 6
bit 5
MSB
LSB
MOSI (from master)
MISO (from slave)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (internal)
SCK cycle number
SS (to slave)
Capture point
SS (CPHA = 1)
SS (CPHA = 0)
SI/SO
Byte 1
Byte 2
Byte 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com