Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80SND1C-ROTIL Datasheet(PDF) 197 Page - ATMEL Corporation

Part # AT80SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80SND1C-ROTIL Datasheet(HTML) 197 Page - ATMEL Corporation

Back Button AT80SND1C-ROTIL Datasheet HTML 193Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 194Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 195Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 196Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 197Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 198Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 199Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 200Page - ATMEL Corporation AT80SND1C-ROTIL Datasheet HTML 201Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 210 page
background image
197
AT8xC51SND1C
4109E–8051–06/03
Analog to Digital Converter
Definition of symbols
Table 172. Analog to Digital Converter Timing Symbol Definitions
Characteristics
Table 173. Analog to Digital Converter AC Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Notes:
1. AV
DD= AVREFP= 3.0 V, AVSS= AVREFN= 0 V. ADC is monotonic with no missing code.
2. The differential non-linearity is the difference between the actual step width and the
ideal step width (see Figure 154).
3. The integral non-linearity is the peak difference between the center of the actual step
and the ideal transfer curve after appropriate adjustment of gain and offset errors
(see Figure 154).
4. The offset error is the absolute difference between the straight line which fits the
actual transfer curve (after removing of gain error), and the straight line which fits the
ideal transfer curve (see Figure 154).
5. The gain error is the relative difference in percent between the straight line which fits
the actual transfer curve (after removing of offset error), and the straight line which
fits the ideal transfer curve (see Figure 154).
Waveforms
Figure 153. Analog to Digital Converter Internal Waveforms
Signals
Conditions
C
Clock
H
High
E
Enable (ADEN bit)
L
Low
S
Start Conversion
(ADSST bit)
Symbol
Parameter
Min
Max
Unit
T
CLCL
Clock Period
4
µs
T
EHSH
Start-up Time
4
µs
T
SHSL
Conversion Time
11·T
CLCL
µs
DLe
Differential non-
linearity error(1)(2)
1LSB
ILe
Integral non-
linearity errorss
(1)(3)
2LSB
OSe
Offset error
(1)(4)
4LSB
Ge
Gain error
(1)(5)
4LSB
ADEN Bit
ADSST Bit
TEHSH
T
SHSL
CLK
TCLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com