Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 81Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 82Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 83Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 84Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 85Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 86Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 87Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 88Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 369 page
background image
85
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
When a transfer is performed, the counter is decremented and the pointer is incre-
mented. When the counter reaches 0 (i.e. all the data have been sent/received to/from
the module), the end status bit is set in the peripheral status register and can be pro-
grammed to generate an interrupt.
PDC Transfers
PDC transfers consist of byte (8-bit), half-word (16-bit) or word (32-bit) data transmitted
from peripheral to memory or from memory to peripheral.
Transfers are triggered by the peripheral signals.
The PDC makes block transfers one byte, one half-word or one word at a time (pro-
grammed in the PDC_CRx register, with direction). Each transfer is triggered by a PDC
request from the peripheral. The PDC releases the AMBA bus after each transfer. A
new trigger is needed for each transfer.
Between transfers, the ASB memory pointer is incremented and the transfer counter is
decremented.
Each block of data can be programmed to be up to 64 Kbytes.
Transfers stop when the transfer counter reaches zero, and the trigger is disabled.
Figure 44. Transfer Example (Byte)
Memory Pointers
There is one 32-bit memory address pointer for each channel (PDC_MPRx). Each
memory pointer points to a location in the AT91SAM7A2 memory space (on chip RAM
or external memory on the EBI).
The PDC_MPRx is automatically incremented by 1, 2 or 4 after each transfer, for byte,
half-word or word transfers. The PDC_MPRx must be initialized before any transfers are
started.
If PDC_MPRx is reprogrammed while the PDC is operating, the address of the transfers
will be changed. The PDC will continue to perform transfers when triggered, from the
newly programmed address.
Transfer Counter
There is one 16-bit Transfer Counter (PDC_TCRx) for each channel, which is used to
count the size of the block of transfers. The PDC_TCRx is decremented after every data
transfer. When the PDC_TCRx reaches zero the block transfer is complete, the PDC
stops transferring data and disables the trigger.
It is not possible to trigger a block of transfers if the PDC_TCRx value is zero. When the
PDC_TCRx is programmed to a non-zero value, transfers can be triggered by the
peripheral for that particular channel.
RDY
00001000
42
1
END
0
3
XXXXXXXX
00001000
00001002
00001001
XXXXXXXX
00001003
0
Memory Pointer
(MPR)
Counter
(TCR)
Memory Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com