Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 43Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 44Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 45Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 46Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 47Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 48Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 49Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 50Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 369 page
background image
47
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
• PAGES[1:0]: Page Size
These bits select the memory page size.
• WSE: Wait State Enable
0: Wait state generation is disabled. No wait state is inserted.
1: Wait state generation is enabled.
• NWS[2:0]: Number of Wait States
These bits select the number of wait states added. This field is only valid if the WSE bit is set.
• DBW[1:0]: Data Bus Width
Type of data bus selected.
PAGES[1:0]
Page Size
Active Bits in Base Address
0
0
1 Mbytes
12 (31-20)
0
1
4 Mbytes
10 (31-22)
1
0
16 Mbytes
8 (31-24)
1
1
64 Mbytes
6 (31-26)
NWS[2:0]
WS Added
0
001
0
012
0
103
0
114
1
005
1
016
1
107
1
118
DBW[1:0]
Data Bus Width
00
Reserved
0
1
16-bit Data Bus
1
0
8-bit Data Bus
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com