Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 30Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 31Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 32Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 33Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 34Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 35Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 36Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 37Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 369 page
background image
34
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
The following figure shows a write cycle with two wait states.
Figure 22. Write Cycle with Two Wait States
Data Float Wait State
Data float wait states are added to avoid data bus conflict.
After a read access, the data float wait state gives more time for the external memory to
release the data bus.
After a write access the data float wait state gives more time for the EBI to release the
data bus.
The Data Float Output Time (t
DF) for each external memory device is programmed in the
TDF field of the AMC_CSR register for the corresponding chip select. The value (0-7
clock cycles) indicates the number of data float wait states to be inserted.
Data float wait state are asserted in between accesses.
Data float wait state insertion depends strongly on the previous access and the next
access contingent upon whether the state is a write or read cycle (early or standard) and
if it is on the same chip select.
The following table describes the data float wait state applied.
Address Valid
Address
NCS
NOE/NRD
Table 23. Data Float State Applied
Previous Access
Next Access
Number of Data Float Wait State Applied
Early Read Mode
Standard Read Mode
NCSx Read
NCSx Read
0
0
NCSx Read
NCSx Write
nTDF
NTDF
NCSx Write
NCSx Read
1
0
NCSx Write
NCSx Write
0
0
NCSx Read
NCSy Read
Max(1, nTDFx)
Max(1, nTDFx)
NCSx Read
NCSy Write
Max(1, nTDFx)
Max(1, nTDFx)
NCSx Write
NCSy Read
1
1
NCSx Write
NCSy Write
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com