Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 24Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 25Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 26Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 27Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 28Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 29Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 30Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 31Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 369 page
background image
28
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Figure 10. EBI Connection for 2x8-bit External Memory Devices, 16-bit Access Only
8-bit or 16-bit Access Device
Connection
A typical 16-bit memory (e.g. 16-bit SRAM) device connection with 8- or 16-bit access is
shown below.
This 16-bit memory allows upper/lower bank selection and NUB, NLB are used to
achieve an 8-bit access.
•
The A0/NLB signal is used as NLB and enables the lower byte for both read and
write operations.
•
The NWR1/NUB signal is used as NUB and enables the upper byte for both read
and write operations.
•
The NWR0/NWE signal is used as NWE and enables half-word or byte writes.
•
The NRD/NOE signal is used as NOE and enables half-word and byte reads.
Figure 11. EBI Connection for External 16-bit Memory Devices, 8- or 16-bit Access
EBI
A[21:1]
NOE
NWE
D[15:0]
NCS
D[7:0]
A[20:0]
NWE
NOE
NCE
D[15:0] D[7:0]
D[15:8]
D[7:0]
A[20:0]
NWE
NOE
NCE
8-bit
External Memory
(LSB)
8-bit
External Memory
(MSB)
EBI
A[21:1]
NOE
NWE
D[15:0]
NCS
D[15:0]
A[20:0]
NWE
NOE
NCE
NUB
NUB
NLB
NLB
16-bit
External Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com