Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 93Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 94Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 95Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 96Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 97Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 98Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 99Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 100Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 369 page
background image
97
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
SPSR, masking or unmasking the interrupts depending on the state saved in the
SPSR (the previous state of the ARM core).
Note: The I bit in the SPSR is significant. If it is set, it indicates that the ARM core was
just about to mask IRQ interrupts when the mask instruction was interrupted. Hence,
when the SPSR is restored, the mask instruction is completed (IRQ is masked).
Fast Interrupt Sequence
For details on the registers mentioned in the steps below, refer to the ARM7TDMI
Embedded Core Datasheet.
It is assumed that:
•
The Generic Interrupt Controller has been programmed, GIC_SVR[0] is loaded with
a fast interrupt service routine address and the fast interrupt is enabled.
•
The Instruction at address 0x1C (FIQ exception vector address) is:
ldr pc, [pc, #-&F20]
•
Nested Fast Interrupts are not needed by the user.
When nFIQ is asserted, if the F bit of CPSR is 0, the sequence is:
1.
CPSR is stored in SPSR_fiq, the current value of the Program Counter is loaded
in the FIQ link register (r14_fiq) and the Program Counter (r15) is loaded with
0x1C. In the following cycle, during fetch at address 0x20, the ARM core adjusts
r14_fiq, incrementing it by 4.
2.
The ARM core enters FIQ mode.
3.
When the instruction loaded at address 0x1C is executed, the Program Counter
is loaded with the value read in GIC_FVR. Reading the GIC_FVR automatically
clears the fast interrupt (source 0 connected to the FIQ line), if it has been pro-
grammed to be edge triggered. In this case only, it de-asserts the nFIQ line on
the processor.
4.
The previous step branches to the corresponding interrupt service routine. It is
not necessary to save the Link Register (r14_fiq) and the SPSR (SPSR_fiq) if
nested fast interrupts are not needed.
5.
The Interrupt Handler can then proceed as required. It is not necessary to save
registers r8 to r13 because FIQ mode has its own dedicated registers and the
user registers r8 to r13 are banked. The other registers, r0 to r7, must be saved
before being used, and restored at the end (before the next step). Note that if the
fast interrupt is programmed to be level sensitive, the source of the interrupt must
be cleared during this phase in order to de-assert the nFIQ line.
6.
Finally, the Link Register (r14_fiq) is restored into the PC after decrementing it by
4 (with instruction sub pc, lr, #4 for example). This has the effect of return-
ing from the interrupt to whatever was being executed before, and of loading
CPSR with the SPSR, masking or unmasking the fast interrupt depending on the
state saved in the SPSR.
Note: The F bit in the SPSR is significant. If it is set, it indicates that the ARM core was
just about to mask FIQ interrupts when the mask instruction was interrupted. Hence
when the SPSR is restored, the interrupted instruction is completed (FIQ is masked).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com