Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  369 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 28Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 29Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 30Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 31Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 32Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 33Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 34Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 35Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 369 page
background image
32
PRELIMINARY
AT91SAM7A2
6021A–ATARM–07/04
Early Read Protocol
Early read protocol provides more memory access time for a read access by asserting
NRD at the beginning of the read cycle. This mode is selected by setting the DRP bit in
the AMC_MCR register.
In the case of successive read cycles in the same memory, NRD remains active contin-
uously. Since a read cycle normally limits the speed of operation of the external memory
system, early read protocol can allow a faster timing of the EBI to be used. However, an
extra data float wait state is required in some cases to avoid contentions on the external
bus, this is explained in “Data Float Wait State” on page 34.
Figure 17. Early Read Address
Write Access
In a write access cycle, NWE (or NWR0, NWR1) is active during the second half of the
write cycle.
The first half of the write cycle allows time to ensure completion of the previous access
as well as the address and NCS set up time before NEW (or NWR0, NWR1) is asserted.
During a write external memory access, NCS is set low and ADDR is valid at the begin-
ning of the access while NWE (or NWR0, NWR1) goes low only in the second half of the
write cycle to avoid bus conflict.
Figure 18. Write Access
NWE (or NWR0, NWR1) goes high at the end of the write cycle, this is not true if a wait
state is asserted.
Wait State
Each chip select line can be programmed to insert one or more wait states during an
external access. This is done by setting the WSE bit in the corresponding AMC_CSRx
register. The number of cycles to insert is programmed in the NWS[2:0] field in the same
register.
The correspondence between the number of standard wait states programmed and the
number of cycles during which the NWE pulse is held low is as follows:
Address Valid
Address
NCS
NOE/NRD
Address Valid
Address
NCS
NWE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com