Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX27L Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  IMX27L Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
Functional Description and Application Information
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
5
ARM926 Platform alternate bus master port. However, the alternate bus master ports on the platform
support seamless connection to a single master with no external interface logic required.
A primary AHB MUX (PAHBMUX) module performs address decoding, read data muxing, bus
watchdog, and other miscellaneous functions for the primary AHB within the platform. A clock control
module (CLKCTL) is provided to support a power-conscious design methodology, as well as
implementation of several clock synchronization circuits.
2.1.1
Memory System
The ARM926EJ-S complex includes 16-Kbyte Instruction and 16-Kbyte Data caches. The embedded
45-Kbyte SRAM (VRAM) can be used to avoid external memory accesses or it can be used for
applications. There is also a 24-Kbyte ROM for bootstrap code.
2.2
Module Inventory
Table 2 shows an alphabetical listing of the modules in the i.MX27/MX27L multimedia applications
processors. A cross-reference to each module’s section and page number goes directly to a more detailed
module description for additional information.
Table 2. Digital and Analog Modules
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page
1-Wire®
1-Wire
Interface
Connectivity
Peripheral
The 1-Wire module provides bi-directional communication
between the ARM926EJ-S and the Add-Only-Memory EPROM
(DS2502). The 1-Kbit EPROM is used to hold information
about battery and communicates with the ARM926 Platform
using the IP interface.
2.3.1/9
AIPI
AHB-Lite IP
Interface
Module
Bus Control
The AIPI acts as an interface between the ARM Advanced
High-performance Bus Lite. (AHB-Lite) and lower bandwidth
peripherals that conforms to the IP Bus specification, Rev 2.0.
2.3.2/9
AITC
ARM9EJ-S
Interrupt
Controller
Bus Control
AITC is connected to the primary AHB as a slave device. It
generates the normal and fast interrupts to the ARM926EJ-S
processor.
2.3.3/10
ARM926EJS
ARM926EJ-S
CPU
The ARM926EJ-S (ARM926) is a member of the ARM9 family
of general-purpose microprocessors targeted at multi-tasking
applications.
2.3.4/10
ATA
Advanced
Technology(A)
Attachment
Connectivity
Peripheral
The ATA block is an AT attachment host interface. It interfaces
with IDE hard disc drives and ATAPI optical disc drives.
Note:
This feature is not available on MX27L.
2.3.5/10
AUDMUX
Digital Audio
Multiplexer
Multimedia
Peripheral
The AUDMUX interconnections allow multiple, simultaneous
audio/voice/data flows between the ports in point-to-point or
point-to-multipoint configurations.
2.3.6/11
CRM
Clock and
Reset Module
Clock and
Reset Control
The CRM generates clock and reset signals used throughout
the i.MX27/MX27L processors and also for external
peripherals.
2.3.7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com