Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX27L Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 96Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
95
Figure 53. WEIM Bus Timing Diagram
Table 49. WEIM Bus Timing Parameters
ID
Parameter
1.8 V
Unit
Min
Max
WE1
Clock fall to address valid
0.68
2.05
ns
WE2
Clock rise/fall to address invalid
0.68
2.49
ns
WE3
Clock rise/fall to CS[x] valid
0.45
2.25
ns
WE1
WE2
WE3
WE4
WE5
WE6
WE7
WE8
WE9
WE10
WE11
WE12
WE13
WE14
WE16
WE15
WE18
WE17
WE20
WE19
WE21
WE22
WE23
BCLK (for rising edge timing)
BCLK (for falling edge timing)
Address
CS[x]
RW
OE
EB[x]
LBA
Output Data
BCLK (for rising edge timing)
Input Data
WEIM Outputs Timing
WEIM Inputs timing
ECB
DTACK
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com