Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX27L Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 95Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1
92
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Signal Descriptions
NOTE
All the timings for the SSI are given for a non-inverted serial clock polarity
(TSCKP/RSCKP = 0) and a non-inverted frame sync (TFSI/RFSI = 0). If the
polarity of the clock and/or the frame sync have been inverted, all the timing
remains valid by inverting the clock signal STCK/SRCK and/or the frame
sync STFS/SRFS shown in the tables and in the figures.
All timings are on AUDMUX pads when the SSI is being used for data
transfer.
“Tx” and “Rx” refer to the Transmit and Receive sections of the SSI.
For internal frame sync operation using external clock, the FS timing is the
same as that of Tx Data, for example, during the AC97 mode of operation.
Table 47. SSI Transmitter with External Clock Timing Parameters
ID
Parameter
Min
Max
Unit
External Clock Operation
SS22
(Tx/Rx) CK clock period
81.4
—
ns
SS23
(Tx/Rx) CK clock high period
36.0
—
ns
SS24
(Tx/Rx) CK clock rise time
—
6.0
ns
SS25
(Tx/Rx) CK clock low period
36.0
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS27
(Tx) CK high to FS (bl) high
–10.0
15.0
ns
SS29
(Tx) CK high to FS (bl) low
10.0
—
ns
SS31
(Tx) CK high to FS (wl) high
–10.0
15.0
ns
SS33
(Tx) CK high to FS (wl) low
10.0
—
ns
SS37
(Tx) CK high to STXD valid from high impedance
—
15.0
ns
SS38
(Tx) CK high to STXD high/low
—
15.0
ns
SS39
(Tx) CK high to STXD high impedance
—
15.0
ns
Synchronous External Clock Operation
SS44
SRXD setup before (Tx) CK falling
10.0
—
ns
SS45
SRXD hold after (Tx) CK falling
2.0
—
ns
SS46
SRXD rise/fall time
—
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com