Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX27L Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
51
3.5.5
CMOS Sensor Interface (CSI)
This section describes the electrical information (AC timing) of the CSI.
3.5.5.1
Gated Clock Mode Timing
VSYNC, HSYNC, and PIXCLK signals are used in this mode. A frame starts with a rising/falling edge on
VSYNC, then HSYNC goes high and holds for the entire line. The pixel clock is valid as long as HSYNC
is high. Figure 9 and Figure 10 depict the gated clock mode timings of CSI, and Table 20 lists the timing
parameters.
Figure 9 shows sensor output data on the pixel clock falling edge. The CSI latches data on the pixel clock
rising edge.
Figure 9. CSI Timing Diagram, Gated, PIXCLK—Sensor Data at Falling Edge,
Latch Data at Rising Edge
VSYNC
HSYNC
PIXCLK
DATA[7:0]
Valid Data
Valid Data
Valid Data
1
2
34
56
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com