Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX27L Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
i.MX27/iMX27L Data Sheet, Advance Information, Rev. 1
8
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Functional Description and Application Information
SAHARA2
Symmetric/
Asymmetric
Hashing and
Random
Accelerator
Security
SAHARA2 is a security co-processor which forms part of the
Platform Independent Security Architecture (PISA), and can be
used on cell phone baseband processors or wireless PDAs.
2.3.30/21
SCC
Security
Controller
Module
Security
The SCC is a hardware component composed of two
blocks—the Secure RAM module, and the Security Monitor.
The Secure RAM provides a way of securely storing sensitive
information. The Security Monitor implements the security
policy, checking algorithm sequencing, and controlling the
Secure State.
2.3.31/22
SDHC
SecuredDigital
Host Controller
Connectivity
Peripheral
The SDHC controls the MMC (MultiMediaCard), SD (Secure
Digital) memory, and I/O cards by sending commands to cards
and performing data accesses to and from the cards.
2.3.32/22
SLCDC
Smart Liquid
Crystal Display
Controller
Multimedia
Interface
The SLCDC module transfers data from the display memory
buffer to the external display device.
2.3.33/23
SSI
Synchronous
Serial Interface
Multimedia
Peripheral
The SSI is a full-duplex, serial port that allows the chip to
communicate with a variety of serial devices, such as standard
codecs, digital signal processors (DSPs), microprocessors,
peripherals, and popular industry audio codecs that implement
the inter-IC sound bus standard (I2S) and Intel AC97 standard.
2.3.34/23
UART
Universal
Asynchronous
Receiver/
Transmitter
Connectivity
Peripheral
The UART provides serial communication capability with
external devices through an RS-232 cable or through use of
external circuitry that converts infrared signals to electrical
signals (for reception) or transforms electrical signals to signals
that drive an infrared LED (for transmission) to provide low
speed IrDA compatibility.
2.3.35/24
USB
Universal
Serial Bus–2
Host
Controllers
and 1 OTG
(On-The-Go)
Connectivity
Peripherals
The i.MX27/MX27L processors provide two USB Host
controllers and one USBOTG of which:
• USB Host 1 is designed to support transceiverless
connection to the on-board peripherals in Low Speed and
Full Speed mode, and connection to the ULPI
(UTMI+Low-Pin Court) and Legacy Full Speed transceivers
• USB Host 2 is designed to support transceiverless
connection to the Cellular Modem Baseband Processor
• The USBOTG controller offers HS/FS/LS capabilities in
Host mode and HS/FS in device mode. In Host mode, the
controller supports direct connection of a FS/LS device
(without external hub). In device (bypass) mode, the OTG
port functions as gateway between the Host 1 Port and the
OTG transceiver.
2.3.36/24
Video Codec
Video Codec
Hardware
Acceleration
Video Codec module supports full duplex video codec with 25
fps VGA image resolution, integrates H.264 BP, MPEG-4 SP
and H.263 P3 video processing standard together.
Note:
This feature is not available on MX27L.
2.3.39/26
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com