Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX27L Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
Functional Description and Application Information
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
9
2.3
Module Descriptions
This section provides a brief text description of all the modules included in the i.MX27/MX27L devices,
arranged in alphabetical order.
2.3.1
1-Wire Module
The 1-Wire module provides bi-directional communication between the ARM926 core and the Add-Only
Memory EPROM, DS2502. The 1-Kbit EPROM holds information about the battery and communicates
with the ARM926 Platform using the IP interface. Through the 1-Wire interface, the ARM926 acts as the
bus master while the DS2502 device is the slave. The 1-Wire peripheral does not trigger interrupts; hence
it is necessary for the ARM926 to poll the 1-Wire to manage the module. The 1-Wire uses an external pin
to connect to the DS2502. Timing requirements are met in hardware with the help of a 1 MHz clock. The
clock divider generates a 1 MHz clock that is used as a time reference by the state machine. Timing
requirements are crucial for proper operation, and the 1-Wire state machine and the internal clock provide
the necessary signal. The clock must be configured to approximately 1 MHz. You can then set the 1-Wire
register to send and receive bits over the 1-Wire bus.
2.3.2
AHB-Lite IP Interface Module (AIPI)
The AIPI acts as an interface between the ARM Advanced High-performance Bus Lite. (AHB-Lite) and
lower bandwidth peripherals conforming to the IP bus specification Rev 2.0. There are two AIPI modules
in i.MX27/MX27L processors.
The following list summarizes the key features of the AIPI:
•
All peripheral read transactions require a minimum of two system clocks (R-AHB side) and all
write transactions require a minimum of three system clocks (R-AHB side).
•
The AIPI supports 8-bit, 16-bit, and 32-bit IP bus peripherals. Byte, half word, and full word reads
and writes are supported.
•
The AIPI supports multi-cycle accesses by providing 16-bit to 8-bit peripherals operations and
32-bit to both 16-bit and 8-bit peripherals operations.
•
The AIPI supports 31 external IP bus peripherals each with a 4-Kbyte memory map (a slot).
WDOG
Watchdog
Timer Module
Timer
Peripheral
The WDOG module protects against system failures by
providing a method for the system to recover from unexpected
events or programming errors.
2.3.37/26
WEIM
Wireless
External
Interface
Module
External
Memory
Interface
The Wireless External Module (WEIM) handles the interface to
devices external to chip, including generation of chip selects,
clock and control for external peripherals and memory. It
provides asynchronous and synchronous access to devices
with SRAM-like interface.
2.3.38/26
Table 2. Digital and Analog Modules (continued)
Block Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com