Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC-3000I Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 9Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 10Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 11Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 12Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 13Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 14Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 15Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 16Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 5
July, 2002
CPU
PARAMETER
MIN TYP MAX UNIT
COMMENTS
Enhanced 80C51TBO
Reset Signal Threshold
Start-Up Time
• From Power On
• From Idle Mode
• From Power Down
From Watchdog Reset
500
1
1
500
1
3.98
V
ms
ms
ms
ms
ms
Oscillator power-down not through OSCEN bit.
Oscillator power-down through OSCEN bit.
Frequency Source Input
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Frequency Level
16
MHz
Crystal oscillator or
resonator
Power Supply and Monitor
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Input Voltage Monitor
4.50
4.75
V
Power Fail Input Monitor Level
2.21
V
Set by external resistors
Analog Voltage Input (AVCC)
4.75
5.00
5.25
V
Digital Voltage Input (VCC)
3.00
3.30
3.60
V
Power Supply Current (IIN)
CPU Freq. = 16 MHz
CPU Freq. = 8 MHz
CPU Freq. = 4 MHz
CPU Freq. = 2 MHz
CPU Freq. = 1 MHz
CPU Freq. = 0.5 MHz
21
15
12
11
10
10
mA
mA
mA
mA
mA
mA
5V and 3.3V .
Without connected I/O ports
All controllers operating.
Depends on the software
program and the Flash memory
utilization.
Environmental Conditions
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
-10
20
40
ºC
Full performance
Temperature
-20
20
70
ºC
Operation
Humidity
0
95
%
Non-condensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com