Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC-3000I Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 35Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 36Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 37Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 38Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 39Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 40Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 41Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 42Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 31
July, 2002
KEYBOARD CONTROLLER
Features
• Supports up to 64 keys (8×8)
• Programmable anti-bounce mechanism
(4-18 ms)
• Automatic key matrix scanning
• Automatically detects excessively long or
constant key depression
• When Interrupt mode enabled, generates an
interrupt when any key is pressed or released
Functional Description
Keyboard Controller Matrix Configuration
The keyboard matrix configuration showing the
8 × 8 matrix is given in Figure 12. The key
values at each junction are in hexadecimal.
00
KO U T 0
KI N 0
10
KO U T 1
20
KO U T 2
30
KO U T 3
40
KO U T 4
50
KO U T 5
60
KO U T 6
70
KO U T 7
01
KI N 1
11
21
31
41
51
61
71
02
KI N 2
12
22
32
42
52
62
72
03
KI N 3
13
23
33
43
53
63
73
04
KI N 4
14
24
34
44
54
64
74
05
KI N 5
15
25
35
45
55
65
75
06
KI N 6
26
36
46
56
66
76
07
KI N 7
17
27
37
47
57
67
77
Key values are in hexadecimal.
*
*
16
FIGURE 12: KEYBOARD MATRIX CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com