Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC-3000I Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 48Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 49Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 50Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 51Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 52Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 53Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 54Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 55Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 44
July, 2002
Operation
Initialization:
At power on, the LCD controller performs the following operations:
1.
Resets its backplane and segment outputs to VDD.
After power on, the actual operating LCD voltage VOPER is set according to the
multiplexing drive mode and the bias generator.
2.
After reset, the LCD pins are routed to the Output function.
To enable the LCD controller:
1.
Enable the LCD controller clock source in Clock Enable register C200H:
Set C200H, Bit 0 to 1.
2.
Reset the LCD controller:
Write FF to register C401H.
3.
Set CFR addresses for LCD controller function:
CFR addresses C101H to C10BH = 00H (Table 32, page 62).
This enables LCD controller output pins (18 to 61) (Table 32, page 62; Table 1,
page 9).
Normal Operation:
4.
Write data to LCD data registers C801H to C814H.
5.
Set Write command in LCD control register C800H.
6.
Repeat steps 4 and 5 for new data.
The trigger for sending the data out to the display interface is:
Programming the control register at address C800H AND writing data to the LCD data
registers (C801H to C814H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com