Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC-3000I Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 5Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 6Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 7Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 8Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 9Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 10Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 11Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 12Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
Revision B
Page 1
July, 2002
GENERAL
Features
Scale-On-Chip System
• Single-Chip Scale electronics
• Full OIML R-76 compliance
SOC-3000 - 3000 d
SOC-3000i - 6000 d
• Up to eight load cells
• 6-wire load cell connection (including Sense
inputs)
Peripherals
• Supports LCD and LED displays:
LCD: Up to 20 digits (160 segments, 4×40)
LED: Up to 24 digits
• Keyboard: Up to 64 keys
• Serial communication: RS-232/485
• I/O (set-points): Up to 40 lines
• Temperature sensor input
CPU
• Enhanced 80C51TBO
• 4 cycles/instruction
• 120KByte, field-programmable Flash program
and data memory
• 4KByte RAM
• 4KByte non-volatile Data Flash
Analog–to–Digital Converter
• Resolution-20 bits
• Sample rate-5, 10, 20 samples per second
• Programmable gain-0.5, 0.75, 1, 1.5, 2
Power
• 5/3.3V operation, 15mA
• Battery operation support
• Power failure detector
Applications
• Price computing scales
• Weighing indicators
• Counting scales
• Checkout scales
SOC-3000
8 . . . . . 888
SEN–
SIG+
SEN+
S 0-39
SIG–
LCD (20 digits)
LED (21 digits)
LED/LCD Module
BP 0-3
Buzzer
Load Cell
(Up to 8)
V
IN
V
Inp
5V +
3.3V
TxD
RxD
I/O
Set Point
RS-232
Printer
RS-485
8
KB 1-8
KBI 1-8
Up to 64
keys
+5V
FIGURE 1: SOC-3000 TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com