Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC-3000I Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 30Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 31Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 32Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 33Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 34Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 35Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 36Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 37Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
.
Revision B
Page 26
July, 2002
In the SOC-3000, the MOVX instruction may take only two machine cycles or eight
oscillator cycles, while the “MOV direct, direct” instruction uses three machine cycles or 12
oscillator cycles. Thus, the execution times of the two instructions differ. This is because the
SOC-3000 usually uses one instruction cycle for each instruction byte.
Note that a machine cycle requires just four clocks, and provides one ALE pulse per cycle.
Many instructions require only one cycle, but some require five.
Reset
The Reset signal is generated by an internal circuitry in the ASIC. The signal thresholds are:
RESET Falling edge on Vcc=3.98V.
RESET Rising edge on Vcc=4.19V.
The hystheresis of the RESET signal is set so that normal operation of the internal Flash
memory is guaranteed.
Interrupt Vectors
The interrupt vectors of the SOC-3000/I are shifted compared with the interrupt vectors of a
standard 80C51TBO vectors by an offset of 1000H.
Table 6 details the SOC-3000/I interrupt vectors:
TABLE 6:
INTERRUPT VECTORS DESCRIPTION
INTERRUPT SOURCE
FLAG
VECTOR
LOCATION
PRIORITY
External Interrupt 0
IE0
1003H
1 (Highest)
Timer 0 Overflow
TF0
100BH
2
External Interrupt 1
IE1
1013H
3
Timer 1 Overflow
TF1
101BH
4
Serial Port
RI + TI
1023H
5
Timer 2 Overflow
TF2 + EXF2
102BH
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com