Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC-3000I Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SOC-3000I
Description  Scale-On-Chip ASIC Technical Specification Rev.B1
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SOC-3000I Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SOC-3000I Datasheet HTML 28Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 29Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 30Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 31Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 32Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 33Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 34Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 35Page - List of Unclassifed Manufacturers SOC-3000I Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
CybraTech (2000) Ltd.
SOC-3000/i Scale-On-Chip
 ASIC
Technical Specification
.
Revision B
Page 24
July, 2002
Power-Up /
Reset
Is
Cloader
Communicating
?
Yes
No
200 ms
elapsed
?
No
Start
Programming
mode
Yes
Is the
Application
Program
OK?
No
Yes
Start Application
Program
FIGURE 10: SOC-3000/I STARTUP PROCEDURE
Using the Flash for Data Memory
The Flash memory may be used for storing non-volatile data. To update the data area while
the program is running, the Flash must be defined as DATA area instead of as CODE area.
CybraTech Flash Manager software manages this process in an efficient and reliable
manner. It provides the means to read, write, erase and update the Flash Data area. A
detailed description of the CybraTech Flash Manager function is included in the SOC-3000
Software Function Library user manual, document number: SOC-0000-SW01-OM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com